Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP884BC Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884BC
Description  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884BC Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COP884BC Datasheet HTML 17Page - National Semiconductor (TI) COP884BC Datasheet HTML 18Page - National Semiconductor (TI) COP884BC Datasheet HTML 19Page - National Semiconductor (TI) COP884BC Datasheet HTML 20Page - National Semiconductor (TI) COP884BC Datasheet HTML 21Page - National Semiconductor (TI) COP884BC Datasheet HTML 22Page - National Semiconductor (TI) COP884BC Datasheet HTML 23Page - National Semiconductor (TI) COP884BC Datasheet HTML 24Page - National Semiconductor (TI) COP884BC Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Multi-Input Wake Up (Continued)
CAN RECEIVE WAKE UP
The CAN Receive Wake Up source is always enabled and is
always active on a falling edge of the CAN comparator out-
put. There is no specific enable bit for the CAN Wake Up fea-
ture. Although the wake up feature on pins L0..L6 can be
programmed to generate an interrupt (L-port interrupt), no in-
terrupt is generated upon a CAN receive wake up condition.
The CAN block has its own, dedicated receiver interrupt
upon receive buffer full.
PORT L INTERRUPTS
Port L provides the user with an additional seven fully select-
able, edge sensitive interrupts which are all vectored into the
same service subroutine.
The interrupt from Port L shares logic with the wake up cir-
cuitry. The register WKEN allows interrupts from Port L to be
individually enabled or disabled. The register WKEDG speci-
fies the trigger condition to be either a positive or a negative
edge. Finally, the register WKPND latches in the pending
trigger conditions.
The GIE (global interrupt enable) bit enables the interrupt
function. A control flag, LPEN, functions as a global interrupt
enable for Port L interrupts. Setting the LPEN flag will enable
interrupts and vice versa. A separate global pending flag is
not needed since the register WKPND is adequate.
Since Port L is also used for waking the device out of the
HALT or IDLE modes, the user can elect to exit the HALT or
IDLE modes either with or without the interrupt enabled. If he
elects to disable the interrupt, then the device will restart ex-
ecution from the instruction immediately following the in-
struction that placed the microcontroller in the HALT or IDLE
modes. In the other case, the device will first execute the in-
terrupt service routine and then revert to normal operation.
The Wake Up signal will not start the chip running immedi-
ately since crystal oscillators or ceramic resonators have a fi-
nite start up time. The IDLE Timer (T0) generates a fixed de-
lay to ensure that the oscillator has indeed stabilized before
allowing the device to execute instructions. In this case,
upon detecting a valid Wake Up signal, only the oscillator cir-
cuitry and the IDLE Timer T0 are enabled. The IDLE Timer is
loaded with a value of 256 and is clocked from the t
c instruc-
tion cycle clock. The t
c clock is derived by dividing down the
oscillator clock by a factor of 10. A Schmitt trigger following
the CKI on-chip inverter ensures that the IDLE timer is
clocked only when the oscillator has a sufficiently large am-
plitude to meet the Schmitt trigger specifications. This
Schmitt trigger is not part of the oscillator closed loop. The
start-up time-out from the IDLE timer enables the clock sig-
nals to be routed to the rest of the chip.
CAN Block Description *
This device contains a CAN serial bus interface as described
in the CAN Specification Rev. 2.0 part B.
*Patents Pending.
CAN Interface Block
This device supports applications which require a low speed
CAN interface. It is designed to be programmed with two
transmit and two receive registers. The user’s program may
check the status bytes in order to get information of the bus
state and the received or transmitted messages. The device
has the capability to generate an interrupt as soon as one
byte has been transmitted or received. Care must be taken if
more than two bytes in a message frame are to be
transmitted/received. In this case the user’s program must
poll the transmit buffer empty (TBE)/receive buffer full (RBF)
bits or enable their respective interrupts and perform a data
exchange between the user data and the Tx/Rx registers.
DS012067-16
FIGURE 16. Multi-Input Wake Up Logic
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com