Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6021SPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH6021SPS
Description  High Conversion Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6021SPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH6021SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMNH6021SPS
Document number: DS37685 Rev. 2 - 2
4 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6021SPS
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100 125 150 175
V
= 4.5V
I = 12A
GS
D
V
=
V
I = 15A
GS
D
10
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 125°C
A
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 175°C
A
T = -55°C
A
T = 25°C
A
T = 85°C
A
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
4
8
12
16
20
V
= 30V
I =
A
DS
D
20
175°C
150°C
125°C
85°C
25°C
-55°C
T , JUNCTION TEMPERATURE (C)
Figure 8 Gate Threshold Variation vs. Junction Temperature
J

V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100 125 150 175
I = 1mA
D
I = 250µA
D
T , Junction Temperature (°C)
J
Figure 10 Avalanche Energy
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
25
50
75
100
125
150
175
I = 10A
D
I
= 15A
D
I = 6A
D
TJ, JUNCTION TEMPERATURE (
oC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com