Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3FT1N2 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT1N2
Description  AC switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT1N2 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT1N2 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1N2 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R
3FT1N2
版本:
201503B
3/7
电特性
ELECTRICAL CHARACTERISTIC (TC=25℃)
项
目
Parameter
符 号
Symbol
测 试 条 件
Condition
最小
Min
典型
Typ
最大
Max
单位
Unit
峰值重复断态电流
Peak Repetitive Blocking
Current
IDRM
VDM=VDRM, Tj=125℃,
gate open
-
-
0.5
mA
峰值通态电压
Peak on-state voltage
VTM ITM=2A
-
-
1.5
V
MT1(-),MT2(+),G(+)
mA
MT1(-),MT2(+),G(-)
mA
MT1(+),MT2(-),G(-)
-
-
10
mA
门极触发电流
Gate trigger current
IGT
VDM=12V,
RL=100Ω
MT1(+),MT2(-),G(+)
-
-
25
mA
门极触发电压
Gate trigger voltage
VGT VDM=12V,RL=100Ω
-
-
1.5
V
维持电流
Holding current
IH
VDM=12V, IGT=0.1A
-
-
15
mA
擎住电流
Latching current
IL
VDM=12V, IGT=0.1A
-
-
20
mA
断态临界电压上升率
Rise of off- state voltage
dV/dt
VDM=67% VDRM(MAX),
Tj=125℃, gate open
-
30
-
V/μs
热特性
THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
条
件
Condition
最小
Min
典型
Typ
最大
Max
单位
Unit
结到引线的热阻
Thermal resistance
junctiontosolderpoint
Rth(j-sp) full cycle(SOT-223)
-
-
15 ℃/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com