Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F40C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 10F40C
Description  Switch power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F40C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F40C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:
201510C
1/5
快恢复二极管
FAST RECOVER DIODE
10F40C
订 货 型 号
Order codes
Marking
Package
Packaging
器件重量
Device Weight
10F40C
10F40C
TO-220C2L
条管
Tube
2.1 g(typ)
封装 Package
用途
开关电源
通用电路
APPLICATIONS
Switch power supply
General circuits
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-22OC2L
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10A
VRRM
400 V
TJ (max)
150℃
VF(typ)
1.1 V
TRR(typ)
32ns


Similar Part No. - 10F40C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
10F40C3 JSMC-10F40C3 Datasheet
341Kb / 6P
FAST RECOVER DIODE
More results

Similar Description - 10F40C

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
Power Supply Selector Switch
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
jb Capacitors Company
JRC JBCAPACITORS-JRC Datasheet
233Kb / 2P
Switch power supply
logo
JILIN SINO-MICROELECTRO...
3F40D JSMC-3F40D Datasheet
246Kb / 5P
Switch power supply
5F60HF JSMC-5F60HF Datasheet
259Kb / 6P
Switch power supply
5F60UHF JSMC-5F60UHF Datasheet
259Kb / 6P
Switch power supply
10F40R JSMC-10F40R Datasheet
201Kb / 5P
Switch power supply
10F60SHF3 JSMC-10F60SHF3 Datasheet
332Kb / 6P
Switch power supply
10F60SHF3S JSMC-10F60SHF3S Datasheet
279Kb / 5P
Switch power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com