Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F60SHF3 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 10F60SHF3
Description  Switch power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F60SHF3 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F60SHF3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60SHF3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60SHF3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60SHF3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60SHF3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60SHF3 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201510A
1/6
快恢复二极管
FAST RECOVER DIODE
10F60SHF3/10F60SC3
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
10F60SHF3
10F60SHF3
TO-220HF
条管
Tube
1.85 g(typ)
10F60SC3
10F60SC3
TO-220C
条管
Tube
2.10 g(typ)
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
5×2 A
VRRM
600 V
Tj(max)
150℃
VF(typ)
1.3V
trr(typ)
32ns
用途
开关电源
通用电路
APPLICATIONS
Switch power supply
General circuits
封装 Package


Similar Part No. - 10F60SHF3

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
10F60SHF3S JSMC-10F60SHF3S Datasheet
279Kb / 5P
Switch power supply
More results

Similar Description - 10F60SHF3

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
Power Supply Selector Switch
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
jb Capacitors Company
JRC JBCAPACITORS-JRC Datasheet
233Kb / 2P
Switch power supply
logo
JILIN SINO-MICROELECTRO...
3F40D JSMC-3F40D Datasheet
246Kb / 5P
Switch power supply
5F60HF JSMC-5F60HF Datasheet
259Kb / 6P
Switch power supply
5F60UHF JSMC-5F60UHF Datasheet
259Kb / 6P
Switch power supply
10F40C JSMC-10F40C Datasheet
186Kb / 4P
Switch power supply
10F40R JSMC-10F40R Datasheet
201Kb / 5P
Switch power supply
10F60SHF3S JSMC-10F60SHF3S Datasheet
279Kb / 5P
Switch power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com