Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP884CF Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CF Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP884CF Datasheet HTML 6Page - National Semiconductor (TI) COP884CF Datasheet HTML 7Page - National Semiconductor (TI) COP884CF Datasheet HTML 8Page - National Semiconductor (TI) COP884CF Datasheet HTML 9Page - National Semiconductor (TI) COP884CF Datasheet HTML 10Page - National Semiconductor (TI) COP884CF Datasheet HTML 11Page - National Semiconductor (TI) COP884CF Datasheet HTML 12Page - National Semiconductor (TI) COP884CF Datasheet HTML 13Page - National Semiconductor (TI) COP884CF Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AC Electrical Characteristics 888CF:
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator
4V
≤ V
CC ≤ 6V
1
DC
µs
2.5V
≤ V
CC < 4V
2.5
DC
µs
R/C Oscillator
4V
≤ V
CC ≤ 6V
3
DC
µs
2.5V
≤ V
CC < 4V
7.5
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 6V
200
ns
2.5V
≤ V
CC < 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 6V
60
ns
2.5V
≤ V
CC < 4V
150
ns
Output Propagation Delay (Note 14)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 6V
0.7
µs
2.5V
≤ V
CC < 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 6V
1
µs
2.5V
≤ V
CC < 4V
2.5
µs
MICROWIRE Setup Time (t
UWS)20
ns
MICROWIRE Hold Time (t
UWH)56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
Input Pulse Width
Interrupt Input High Time
1
t
c
Interrupt Input Low Time
1
t
c
Timer Input High Time
1
t
c
Timer Input Low Time
1
t
c
Reset Pulse Width
1
µs
Note 14: The output propagation delay is referenced to end of the instruction cycle where the output change occurs.
A/D Converter Specifications
V
CC = 5V ±10% (VSS − 0.050V) ≤ Any Input ≤ (VCC + 0.050V)
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8
Bits
Reference Voltage Input
AGND = 0V
3
V
CC
V
Absolute Accuracy
V
REF = VCC
±1
LSB
Non-Linearity
V
REF = VCC
Deviation from the
±1⁄2
LSB
Best Straight Line
Differential Non-Linearity
V
REF = VCC
±1⁄2
LSB
Input Reference Resistance
1.6
4.8
k
Ω
Common Mode Input Range (Note 18)
AGND
V
REF
V
DC Common Mode Error
±1⁄4
LSB
Off Channel Leakage Current
1
µA
On Channel Leakage Current
1
µA
A/D Clock Frequency (Note 16)
0.1
1.67
MHz
Conversion Time (Note 15)
12
A/D Clock
Cycles
Note 15: Conversion Time includes sample and hold time.
Note 16: See Prescaler description.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com