Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS Datasheet(PDF) 6 Page - LEM

Part # CAS
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS Datasheet(HTML) 6 Page - LEM

Back Button CAS Datasheet HTML 2Page - LEM CAS Datasheet HTML 3Page - LEM CAS Datasheet HTML 4Page - LEM CAS Datasheet HTML 5Page - LEM CAS Datasheet HTML 6Page - LEM CAS Datasheet HTML 7Page - LEM CAS Datasheet HTML 8Page - LEM CAS Datasheet HTML 9Page - LEM CAS Datasheet HTML 10Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 6/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Electrical data CAS 50-NP
At
T
A = 25°C, VC = + 5 V, NP = 1 turn, RL = 10 kΩ, unless otherwise noted.
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal current rms
I
PN
A
50
Primary current, measuring range
I
PM
A
-150
150
Number of primary turns
N
P
-
1,2,3
Supply voltage
V
C
V
4.75
5
5.25
Current consumption
I
C
mA
15 +
20 +
N
S = 966 turns
Output voltage
V
OUT
V
0.375
4.625
Output voltage @
I
P = 0 A
V
OUT
V
2.5
Electrical offset voltage
V
OE
mV
-5.8
5.8
100% tested
V
OUT - 2.5 V
Electrical offset current
referred to primary
I
OE
A
-0.46
0.46
100% tested
Temperature coefficient of
V
OUT
@
I
P = 0 A
TCV
OUT
ppm/K
±6
±60
ppm/K of 2.5 V
- 40°C .. 85°C
Theoretical sensitivity
Gth
mV/A
12.5
625 mV/
I
PN
Sensitivity error
ε
G
%
-0.7
0.7
100% tested
Temperature coefficient of
G
TCG
ppm/K
±40
- 40°C .. 85°C
Linearity error
ε
L
% of
I
PN
-0.1
0.1
Magnetic offset current (10 x
I
PN)
referred to primary
I
OM
A
-0.1
0.1
Output current noise (spectral
density) rms 100 Hz .. 100 kHz
referred to primary
i
no
µA/Hz½
300
R
L = 1 kΩ
Peak-peak output ripple at
oscillator frequency
f = 450 kHz (typ.)
-
mV
5
20
R
L = 1 kΩ
Reaction time @ 10 % of
I
PN
t
ra
µs
0.3
R
L = 1 kΩ
di/dt = 100 A/µs
Response time @ 90 % of
I
PN
t
r
µs
0.3
R
L = 1 kΩ
di/dt = 100 A/µs
Frequency bandwidth (± 1 dB)
BW
kHz
200
R
L = 1 kΩ
Frequency bandwidth (± 3 dB)
BW
kHz
300
R
L = 1 kΩ
Overall accuracy
X
G
% of
I
PN
1.7
Overall accuracy @
T
A = 85°C
X
G
% of
I
PN
3.4
Accuracy
X
% of
I
PN
0.8
Accuracy @
T
A = 85°C
X
% of
I
PN
2.5
I
P (mA)
N
S
I
P (mA)
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com