Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT169D Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BT169D
Description  Half AC switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BT169D Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BT169D Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT169D Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT169D Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT169D Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT169D Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
BT169D
版本:201510F
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
断态重复峰值电压 Repetitive peak off-state voltage
VDRM
600
V
反向重复峰值电压 Repetitive peak reverse voltage
VRRM
600
V
通态平均电流 Average on-state current
IT(AV)
0.5
A
通态方均根电流 On-state RMS current ( half sine wave)
IT(RMS)
0.8
A
非重复浪涌峰值通态电流 Non- repetitive surge peak on-state current
( half sine wave ,t=20ms)
ITSM
8
A
峰值门极电流 Peak gate current
IGM
0.5
A
平均门极功率 Average gate power( over any 20ms period)
PG(AV)
0.1
W
存储温度 Storage temperature
Tstg
-40~150
℃
操作结温 Operation junction temperature
TVJ
125
℃
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
min
典型
typ
最大
max
单位
Unit
断态峰值重复电流
Peak Repetitive Blocking Current
IDRM
VDM=VDRM, Tj=125℃, RGK=1KΩ
-
-
0.1
mA
反向峰值重复电流
Peak Repetitive Reverse Current
IRRM
VRM=VRRM, Tj=125℃, RGK=1KΩ
-
-
0.1
mA
峰值通态电压
Peak on-state voltage
VTM
ITM=2A
-
-
1.8
V
门极触发电流
Gate trigger current
IGT
VDM=12V,IT=0.1A
10
-
140
μA
门极触发电压
Gate trigger voltage
VGT
VDM=12V,IT=0.1A
-
0.65
0.8
V
维持电流
Holding current
IH
VDM=12V, IGT=1mA
-
-
5
mA
断态临界电压上升率
Rise of off- state voltage
dV/dt
VDM=67% VDRM(MAX),
Tj=125℃,RGK=1KΩ
10
-
-
V/μs
项
目
Parameter
符
号
Symbol
值
value
单位
Unit
结到引线的热阻 Thermal resistance junction to lead
TO-92
Rth(j-l)
60
℃/W
结到表面的热阻 Thermal resistance junction totab
SOT-89
Rth(j-t)
20
结到环境的热阻
Thermal resistance junction to ambient
--
TO-92
Rth(j-a)
150
S=5cm
2
SOT-89
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com