Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLSR32-P Datasheet(PDF) 11 Page - LEM

Part # HLSR32-P
Description  Current Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR32-P Datasheet(HTML) 11 Page - LEM

Back Button HLSR32-P Datasheet HTML 5Page - LEM HLSR32-P Datasheet HTML 6Page - LEM HLSR32-P Datasheet HTML 7Page - LEM HLSR32-P Datasheet HTML 8Page - LEM HLSR32-P Datasheet HTML 9Page - LEM HLSR32-P Datasheet HTML 10Page - LEM HLSR32-P Datasheet HTML 11Page - LEM HLSR32-P Datasheet HTML 12Page - LEM HLSR32-P Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Page 11/13
16December2013/Version 6 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-P series
HLSR-P series, Measuring range versus external reference voltage
-50
-25
0
25
50
75
0.5
1
1.5
2
2.5
Vref [V]
HLSR 10-xx
Uc = 5v
Uc = 4.75V
Uc = 4.5V
-75
-50
-25
0
25
50
75
100
0.5
1
1.5
2
2.5
Vref [V]
HLSR 16-xx
Uc = 5v
Uc = 4.75V
Uc = 4.5V
-100
-75
-50
-25
0
25
50
75
100
125
0.5
1
1.5
2
2.5
Vref [V]
HLSR 20-xx
Uc = 5v
Uc = 4.75V
Uc = 4.5V
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
0.5
1
1.5
2
2.5
Vref [V]
HLSR 32-xx
Uc = 5v
Uc = 4.75V
Uc = 4.5V
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
0.5
1
1.5
2
2.5
Vref [V]
HLSR 50-xx
Uc = 4.75V
Uc = 4.5V
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
0.5
1
1.5
2
2.5
Vref [V]
HLSR 40-xx
Uc = 5v
Uc = 4.75V
Uc = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com