Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2500IP Datasheet(PDF) 6 Page - Harris Corporation

Part # HIP2500IP
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIP2500IP Datasheet(HTML) 6 Page - Harris Corporation

  HIP2500IP Datasheet HTML 1Page - Harris Corporation HIP2500IP Datasheet HTML 2Page - Harris Corporation HIP2500IP Datasheet HTML 3Page - Harris Corporation HIP2500IP Datasheet HTML 4Page - Harris Corporation HIP2500IP Datasheet HTML 5Page - Harris Corporation HIP2500IP Datasheet HTML 6Page - Harris Corporation HIP2500IP Datasheet HTML 7Page - Harris Corporation HIP2500IP Datasheet HTML 8Page - Harris Corporation HIP2500IP Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
HIP2500
Typical Application Diagram
FIGURE 13. RISE AND FALL TIME vs SUPPLY VOLTAGE
FIGURE 14. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 15. PROPAGATION DELAYS AT VCC = 15V
Typical Performance Curves (Continued)
30
28
26
24
22
20
18
16
14
12
10
10
11
12
13
14
15
16
SUPPLY VOLTAGE (V)
tF
tR
460
440
420
400
380
360
340
320
300
10
11
12
13
14
15
16
SUPPLY VOLTAGE (V)
HtON
HtOFF
LtON
LtOFF
700
600
500
400
300
200
-50
0
50
100
150
JUNCTION TEMPERATURE (oC)
LtOFF
HtOFF
HtON
LtON
VSS
DRIVER
UV
LATCH
S
R
LEVEL
SHIFT
LOGIC
UV
HIN
SD
LIN
HO
LO
COM
HIP2500
VDD
VCC
VS
VB
DRIVER
CF
DF
RG
RG
VCC
HV
TO
LOAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com