Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1702MT Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ICS1702MT
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702MT Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ICS1702MT Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 17Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 21Page - List of Unclassifed Manufacturers ICS1702MT Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
ICS1702
Table 10: DC Characteristics
Table 11: DC Voltage Thresholds
T
amb=25
°C. All values given are typical at specified V
DD.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
V
DD
4.5
5.0
5.5
V
Supply Current
I
DD
7.3
mA
High Level Input Voltage
SEL0, SEL1, AUX0, AUX1
V
IH
3.6
4.1
4.5
V
Low Level Input Voltage
SEL0, SEL1, AUX0, AUX1
V
IL
0.73
0.75
0.8
V
Open Input Voltage
SEL0, SEL1, AUX0, AUX1
open
2.3
V
Low Level Input Current, pull-up
THERM, MRN
I
IL
V=0.4V
74
µA
High Level Input Current, pull-down
THERM, MRN
I
IH
V= V
DD
- 0.4V
75
µA
High Level Source Current
CHG, DCHG
I
OH
V= V
DD
- 0.4V
28
mA
Low Level Sink Current
CHG, DCHG
I
OL
V=0.4V
25
mA
Low Level Sink Current, indicator
PFN, CMN, MMN
I
OL
V=0.4V
40
mA
Low Level Sink Current, indicator
OTN
I
OL
V=0.4V
28
mA
Input Impedance
1.0
M
Ω
Analog/Digital Converter Range
0-2.2
0-2.7
0-2.7
V
T
AMB=25
°C
PARAMETER
TYP
UNITS
Minimum Battery Voltage
0.5
V
Thermistor - Cold Temperature
2.4
V
Thermistor - Hot Temperature
0.93
V
Thermal Switch - Open
4.2
V
Thermal Switch - Closed
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com