Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS022G Datasheet(PDF) 1 Page - International Rectifier

Part # IPS022G
Description  DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS022G Datasheet(HTML) 1 Page - International Rectifier

  IPS022G Datasheet HTML 1Page - International Rectifier IPS022G Datasheet HTML 2Page - International Rectifier IPS022G Datasheet HTML 3Page - International Rectifier IPS022G Datasheet HTML 4Page - International Rectifier IPS022G Datasheet HTML 5Page - International Rectifier IPS022G Datasheet HTML 6Page - International Rectifier IPS022G Datasheet HTML 7Page - International Rectifier IPS022G Datasheet HTML 8Page - International Rectifier IPS022G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Over temperature shutdown
• Over current shutdown
• Active clamp
• Low current & logic level input
• E.S.D protection
IPS022G
DUAL FULLY PROTECTED POWER MOSFET SWITCH
Data Sheet No.PD60203
Description
The IPS022G are fully protected dual low side SMART
POWER MOSFETs respectively. They feature over-
current, over-temperature, ESD protection and drain
to source active clamp.These devices combine a
HEXFET® POWER MOSFET and a gate driver. They
offer full protection and high reliability required in
harsh environments. The driver allows short switch-
ing times and provides efficient protection by turning
OFF the power MOSFET when the temperature ex-
ceeds 165
oC or when the drain current reaches 5A.
These devices restart once the input is cycled. The
avalanche capability is significantly enhanced by
the active clamp and covers most inductive load
demagnetizations.
Package
Product Summary
Rds(on)
150m
Ω (max)
V clamp
50V
Ishutdown
5A
Ton/Toff
1.5
µs
8-Lead SOIC
IPS022G
(Dual)
www.irf.com
1
Typical Connection
S
Q
Load
D
S
control
IN
R in series
(if needed)
Logic signal
(Refer to lead assignment for correct pin configuration)


Similar Part No. - IPS022G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021L IRF-IPS021L Datasheet
110Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021S IRF-IPS021S Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS024G IRF-IPS024G Datasheet
102Kb / 10P
QUAD FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS022G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS042G IRF-IPS042G Datasheet
92Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS032G IRF-IPS032G Datasheet
138Kb / 11P
SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS042GTR IRF-IPS042GTR Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com