Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-60 Datasheet(PDF) 4 Page - Teccor Electronics

Part # HT-60
Description  Bilateral Trigger Diacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

HT-60 Datasheet(HTML) 4 Page - Teccor Electronics

  HT-60 Datasheet HTML 1Page - Teccor Electronics HT-60 Datasheet HTML 2Page - Teccor Electronics HT-60 Datasheet HTML 3Page - Teccor Electronics HT-60 Datasheet HTML 4Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bilateral Trigger Diacs
Thyristor Product Catalog
http://www.teccor.com
Teccor Electronics
8 - 4
+1 972-580-7777
Figure 8.5
Circuit Used to Measure Diac Characteristics
(See Figure 8.4.)
Figure 8.6
Peak Output Current vs Triggering Capacitance
Figure 8.7
V-I Characteristics
120V RMS
60 Hz
47 k
Ω
D.U.T.
RL
20
Ω
1%
VC
100 k
Ω
*
CT
IL
O.1
µF
*Adjust for one firing in each half cycle. D.U.T. = Diac
Triggering Capacitance (CT) - µF
.01
.02
.03
.04
.05
.06
.07
.08
.09
0
50
100
150
200
250
300
Per Figure 8.5 with
RL of 20Ω
TYPICAL
(35
V
DEVICE)
.10
10mA
Breakover
Current
IBO
-VBO
Voltage
Current
Breakover
Voltage
VBO
+VBO
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com