Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS8N60C Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS8N60C
Description  High frequency switching mode power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS8N60C Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS8N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8N60C Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R
JCS8N60C
版本:201503A
6/14
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
-75
-50
-25
0
25
50
75
100
125
150
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS=0V
2. I
D=250μA
T
j
[℃]
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
Maximum Safe Operating Area
For JCS8N60FC
Maximum Drain Current
vs. Case Temperature
Maximum Safe Operating Area
For JCS8N60CC/SC/BC/RC/VC
-75
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes:
1. V
GS=10V
2. I
D=3.0A
T
j
[ ℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com