Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0.4-P Datasheet(PDF) 3 Page - LEM

Part # CT0.4-P
Description  Current Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CT0.4-P Datasheet(HTML) 3 Page - LEM

  CT0.4-P Datasheet HTML 1Page - LEM CT0.4-P Datasheet HTML 2Page - LEM CT0.4-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
17.80
30
12.6
20
4- 0.7+/-0.3
2-
2+/-0.3(NC)
20.3
+ V c c
- V c c
G N D
M
V o u t
I
Dimensions CT 0.1 .. 0.4-P (in mm. 1 mm = 0.0394 inch)
080909/14
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3
Mechanical characteristics
• General tolerance
± 1 mm
(Unless otherwise specified in the above drawings.)
• Aperture for primary conductor
Ø11 mm
• Connection of secondary
4 pins 0.7 x 0.7 mm2
Recommended PCB hole
1.2 mm
• PCB fixation
2 pins Ø2 mm
Recommended PCB hole
2.2 mm
Remarks
• V
OUT is positive when IP flows in the direction of the arrow.
• This transducer induces into the primary circuit a square
wave of 500Hz. This voltage can induce an AC current in the
primary if the primary impedance is low.
• Primary impedance ≥10Ω CT 0.1-P CT 0.2-P CT 0.4-P
V
OUT by induced current
≤±0.8%
≤±0.5%
≤±0.3% of I
PN
• Temperature of the primary conductor should not exceed
100°C.
+ Vcc
M
GND
- Vcc
Ip flux-gate
DC
transformer
AC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com