| Electronic Components Datasheet Search |
|
COP688GD Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP688GD Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 42 page ![]() CONTROL REGISTERS (Continued) T2ENB Timer T2 Interrupt Enable for Timer Underflow or T2B Input capture edge T3CNTRL Register (Address X'00B6) T3C3 T3C2 T3C1 T3C0 T3PNDA T3ENA T3PNDB T3ENB Bit 7 Bit 0 The T3CNTRL control register contains the following bits: T3C3 Timer T3 mode control bit T3C2 Timer T3 mode control bit T3C1 Timer T3 mode control bit T3C0 Timer T3 Start/Stop control in timer modes 1 and 2, T3 Underflow Interrupt Pend- ing Flag in timer mode 3 T3PNDA Timer T3 Interrupt Pending Flag (Autoreload RA in mode 1, T3 Underflow in mode 2, T3A capture edge in mode 3) T3ENA Timer T3 Interrupt Enable for Timer Underflow or T3A Input capture edge T3PNDB Timer T3 Interrupt Pending Flag for T3B cap- ture edge T3ENB Timer T3 Interrupt Enable for Timer Underflow or T3B Input capture edge Timers The device contains a very versatile set of timers (T0, T1, T2, T3). All timers and associated autoreload/capture regis- ters power up containing random data. TIMER T0 (IDLE TIMER) The device supports applications that require maintaining real time and low power with the IDLE mode. This IDLE mode support is furnished by the IDLE timer T0, which is a 16-bit timer. The Timer T0 runs continuously at the fixed rate of the instruction cycle clock, t c. The user cannot read or write to the IDLE Timer T0, which is a count down timer. The Timer T0 supports the following functions: j Exit out of the Idle Mode (See Idle Mode description) j WATCHDOG logic (See WATCHDOG description) j Start up delay out of the HALT mode Figure 8 is a functional block diagram showing the structure of the IDLE Timer and its associated interrupt logic. Bits 11 through 15 of the ITMR register can be selected for triggering the IDLE Timer interrupt. Each time the selected bit underflows (every 4k, 8k, 16k, 32k or 64k instruction cycles), the IDLE Timer interrupt pending bit T0PND is set, thus generating an interrupt (if enabled), and bit 6 of the Port G data register is reset, thus causing an exit from the IDLE mode if the device is in that mode. In order for an interrupt to be generated, the IDLE Timer in- terrupt enable bit T0EN must be set, and the GIE (Global In- terrupt Enable) bit must also be set. The T0PND flag and T0EN bit are bits 5 and 4 of the ICNTRL register, respec- tively. The interrupt can be used for any purpose. Typically, it is used to perform a task upon exit from the IDLE mode. For more information on the IDLE mode, refer to the Power Save Modes section. The Idle Timer period is selected by bits 0–2 of the ITMR register Bits 3–7 of the ITMR Register are reserved and should not be used as software flags. TABLE 3. Idle Timer Window Length ITSEL2 ITSEL1 ITSEL0 Idle Timer Period (Instruction Cycles) 0 0 0 4,096 0 0 1 8,192 0 1 0 16,384 0 1 1 32,768 1 X X 65,536 The ITMR is cleared on Reset and the Idle Timer period is re- set to 4,096 instruction cycles. ITMR Register (Address X’0xCF) Reserved ITSEL2 ITSEL1 ITSEL0 Bit 7 Bit 0 Any time the IDLE Timer period is changed there is the pos- sibility of generating a spurious IDLE Timer interrupt by set- ting the T0PND bit. The user is advised to disable IDLE Timer interrupts prior to changing the value of the ITSEL bits of the ITMR Register and then clear the T0PND bit before at- tempting to synchronize operation to the IDLE Timer. www.national.com 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |