Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7457 Datasheet(PDF) 14 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier IRF7457 Datasheet HTML 16Page - International Rectifier IRF7457 Datasheet HTML 17Page - International Rectifier IRF7457 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Rev. 2.8
05/10/04
IRU3037 / IRU3037A
www.irf.com
TYPICAL APPLICATION
Single Supply 5V Input
Figure 18 - Typical application of IRU3037 in an on-board DC-DC converter
using a single 5V supply.
IRU3037
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
C3
1uF
C4
1uF
C8
0.1uF
C9
680pF
R4
105K
Q1
1/2 of IRF7301
Q2
1/2 of IRF7301
R5
1K, 1%
R6
1.65K, 1%
L2
D05022P-103, 10uH, 4.3A
L1
1uH
C2
2x 10TPB100ML,
100uF, 55m
V
C1
47uF
Tantalum
3.3V
@ 4A
C7
2x 6TPC150M,
150uF, 40m
V
C5
0.1uF
D1
1N4148
D2
1N4148
D3
1N4148
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com