Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAS400-P Datasheet(PDF) 3 Page - LEM

Part # HAS400-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS400-P Datasheet(HTML) 3 Page - LEM

  HAS400-P Datasheet HTML 1Page - LEM HAS400-P Datasheet HTML 2Page - LEM HAS400-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3/3
29October2012/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Dimensions HAS 50 .. 600-P (in mm)
Mechanical characteristics
● General tolerance
± 0.5 mm
● Transducer fastening
1 hole Ø 4.5 mm
1 M4 steel screw
Recommended fastening torque 0.75 Nm (± 10 %)
● Connection of secondary
JST MB4P-90H
第一视角
第三视角
第一视角
第三视角
Remarks
●
V
OUT is positive when IP flows in the direction of the arrow.
● Temperature of the primary conductor should not exceed
100°C.
● Dynamic performances (di/dt and response time) are
best with a single bar completely filling the primary hole.
● This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com