Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP41C
Description  Medium Power Linear Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP41C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP41C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP41C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP41C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP41C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:
201403C
1/4
NPN 硅外延晶体管
NPN Epitaxial Silicon Transistor
TIP41C
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
TIP41C-O- Z-N-C
TIP41C
否
NO
TO-220
袋装
Bag
TIP41C-O- C-N-B
TIP41C
否
NO
TO-220C
条管
Tube
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃ unless otherwise noted)
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbo
最小值
min
最大值
max
单
位
Unit
结到环境的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-a)
-
62.5
℃
/W
结到管壳的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-c)
-
1.923
℃
/W
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage
VCBO
100
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
100
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极直流电流
Collector Current(DC)
IC
6
A
最大集电极脉冲电流
Collector Current(Pulse)
ICP
10
A
最大基极电流
Base Current
IB
2
A
最大集电极耗散功率
Collector Dissipation(Tc=25℃)
PC
65
W
最大集电极耗散功率
Collector Dissipation(Ta=25℃)
PC
2
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-55~+150
℃
封装 Package
TO-220
TO-220C
订货信息 ORDER MESSAGE
用途
应用于中功率线性转换电路
APPLICATIONS
Medium Power Linear Switching Applications
产品特性
高集电极电压:
VCEO=100V (min)
与
TIP42C 互补
环保(
RoHS)产品
FEATURES
High collector voltage:VCEO=100V (min)
Complementary to TIP42C
RoHS product


Similar Part No. - TIP41C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41C MOSPEC-TIP41C Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP41C MOTOROLA-TIP41C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP41C ONSEMI-TIP41C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP41C POINN-TIP41C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP41C STMICROELECTRONICS-TIP41C Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP41C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
logo
Rectron Semiconductor
TIP31CK RECTRON-TIP31CK Datasheet
344Kb / 4P
Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com