Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP42C
Description  Medium Power Linear Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP42C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP42C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP42C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP42C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP42C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
TIP42C
版本:
201403C
2/4
电特性 ELECTRICAL CHARACTERISTIC
*Pulse Test: PW≤300ms, Duty Cycle≤2%
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VCEO(sus)
Ic=-30mA,IB=0
-100
-
V
ICES
VCE=-100V,VEB=0
-
-
-400
μA
ICEO
VCE=-60V,IB=0
-
-
-0.7
mA
IEBO
VEB=-5V,IC=0
-
-
-1
mA
VCE=-4V,IC=-0.3A
30
-
hFE*
VCE=-4V,IC=-3.0A
15
75
-
VCE(sat)*
IC=-6.0A,IB=-0.6A
-
-1.5
V
VBE(sat)*
IC=-6.0A,IB=-0.6A
-
-2.0
V
fT
VCE=-10V, Ic=-0.5A,f=1MHz
3.0
-
-
MHz
hFE – IC
VCE(sat)- IC
SOA
PC-TC
Common emitter
VCE = -5 V
Single
Tc=100℃
Tc=25℃
Collector corrent IC (A)
Collector corrent IC (A)
Common emitter
IC/IB = 10
Single pulse test
Tc=100℃
Tc=25℃
Ambient temperature TC(℃)
Collector-emitter voltage VCE (V)
Single nonrepetitive pulse Tc = 25°C
Curves must be derated linear
with increase in temperature.
TC=25℃ DC Operation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com