Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP127
Description  Engine ignition
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP127 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP127 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP127 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP127 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP127 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP127 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201603A
1/5
PNP 型外延达林顿晶体管
PNP EPITAXIAL DARLINGTON TRANSISTOR
TIP127
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
TIP127-O-C-N-B
TIP127
NO
TO-220C
条管 Tube
主要参数
MAIN CHARACTERISTICS
IC
-5A
VCEO
-100V
PC(TO-220C)
65W
封装 Package
用途
发动机点火
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Engine ignition
High frequency switching power
supply
High frequency power transform
Commonly power amplifier circuit
产品特性
与 TIP122 互补
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
Complementary to TIP122
High current capability
High switching speed
High reliability
RoHS product
订货信息 ORDER MESSAGE
TO-220C


Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
logo
Motorola, Inc
MC33094 MOTOROLA-MC33094 Datasheet
352Kb / 16P
IGNITION CONTROL
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 5
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
IGNITION CONTROL
605_609 MALLORY-605_609 Datasheet
65Kb / 3P
IGNITION MODULE
logo
JILIN SINO-MICROELECTRO...
TIP122 JSMC-TIP122 Datasheet
214Kb / 5P
Engine ignition
logo
VACUUMSCHMELZE GmbH & C...
T60403-D4721-X006 VACUUMSCHMELZE-T60403-D4721-X006 Datasheet
33Kb / 2P
Ignition Transformer
T60403-D4721-X007 VACUUMSCHMELZE-T60403-D4721-X007 Datasheet
40Kb / 2P
Ignition Transformer
T60403-D4721-X012 VACUUMSCHMELZE-T60403-D4721-X012 Datasheet
85Kb / 1P
Ignition Transformer
logo
Pulse A Technitrol Comp...
125-0028.0 PULSE-125-0028.0 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com