Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254TA103C50A Datasheet(PDF) 1 Page - CTS Corporation

Part # 254TA103C50A
Description  Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

254TA103C50A Datasheet(HTML) 1 Page - CTS Corporation

  254TA103C50A Datasheet HTML 1Page - CTS Corporation 254TA103C50A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Potentiometer 1 & 2
Resistance Range
Resistance Tolerance
± 30%
Insulation Resistance
100 megohms @ 250 VDC for 1 minute
Operational Torque
120 ± 50 gf.cm
Power Rating
0.0125 watt @ 50°C
Maximum Operating Voltage
50 VAC or 5 VDC maximum
Rotational Angle
55°
Life
1,000,000 cycles
Two Axis, Ultra-miniature
Joystick With Optional
Momentary Switch
Features
• Smallest mini-joystick available
(11x11x5 mm)
• Long Life 1 Million Cycles
• Provides excellent electrical accuracy
through patented mechanism
Electrical and Mechanical Specifications
Series 254
• RoHS compliant
Optional Switch
Switch Type
Momentary
Contact Resistance
100 milliohms maximum initally
Dielectric Strength
250 VAC 50 / 60 Hz for 1 minute
Insulation Resistance
100 megohms minimum @ 100 VDC for 1 minute
Operational Force
650 ± 150 gf
Power Rating
5 VDC, 5 mA maximum
Travel
0.6 ± 0.2mm
Switch Life
200,000 cycles
switching 5 mA @ 5 VDC
10 K ohms through 100 K ohms
200 milliohms maximum after 200,000 cycles
1 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
01/22/10
CTS Electrocomponents
www.ctscorp.com
±10%
,± 20%,
• Optional momentary switch is
operational at all positions
Pat. Nos.: US 7,199,314 , Taiwan 279822, Pat. Pending in China
Data Sheet
Data Sheet
Ultra-miniature Joystick
®
Electrocomponents


Similar Part No. - 254TA103C50A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
254TA103C50A CTS-254TA103C50A Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
More results

Similar Description - 254TA103C50A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
logo
Copal Electronics
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
Ultra-Miniature Toggle Switch
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
Ultra-Miniature Toggle Switch
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
221Kb / 2P
2-Axis Analog Thumb Joystick
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com