Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBCOMT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BBCOMT
Description  Improved insulator materials sustain maximum return loss performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BBCOMT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BBCOMT Datasheet HTML 1Page - List of Unclassifed Manufacturers BBCOMT Datasheet HTML 2Page - List of Unclassifed Manufacturers BBCOMT Datasheet HTML 3Page - List of Unclassifed Manufacturers BBCOMT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Belden Technical Support
1.800.BELDEN.1 (800.235.3361)
©Copyright 2011, Belden Inc.
www.belden.com
PB324
Part
Number
Description
Type
Finish
Color
Band
Impedence
(ohms)
Pullout Strength
RL@3
GHz
RL@3.5
GHz
RL@4
GHz
RL@4.5
GHz
QTY
1505ABHDL
RG59BNC HD Connector
1-Piece Locking
Polished Nickel
Red
75
73(+)
-26 dB
-29 dB
-39 dB
-29 dB
50
1506ABHDL
RG59 Plenum Size 2/4 BNC HD Connector
1-Piece Locking
Polished Nickel
Red
75
73(+)
-26 dB
-29 dB
-39 dB
-29 dB
50
1694ABHDL
RG6BNC HD Connector
1-Piece Locking
Polished Nickel
Green
75
103(+)
-26 dB
-29 dB
-39 dB
-29 dB
50
1695ABHDL
RG6 Plenum Size 2 BNC HD Connector
1-Piece Locking
Polished Nickel
Green
75
103(+)
-26 dB
-29 dB
-39 dB
-29 dB
50
1855ABHDL
22-24 AWG BNC HD Connector
1-Piece Locking
Polished Nickel
Purple
75
67(+)
-26 dB
-29 dB
-39 dB
-29 dB
50
179DTBHDL
179 Digital Truck BNC Connector
1-Piece Locking
Polished Nickel
Yellow
75
Exceeds Cable Strength
-26 dB
-29 dB
-39 dB
-29 dB
50
Locking 1-Piece Compression
Part
Number
Description
Type
Finish
Color
Band
Impedence
(ohms)
Pullout Strength
RL@3
GHz
RL@3.5
GHz
RL@4
GHz
RL@4.5
GHz
QTY
1505ABHD1
RG59BNC HD Connector
1-Piece Compression
Polished Nickel
Red
75
73(+)
-31 dB
-31 dB
-25 dB
-21 dB
50
1506ABHD1
RG59 Plenum Size 2/4 BNC HD Connector
1-Piece Compression
Polished Nickel
Red
75
73(+)
-31 dB
-31 dB
-25 dB
-21 dB
50
1694ABHD1
RG6BNC HD Connector
1-Piece Compression
Polished Nickel
Green
75
103(+)
-31 dB
-31 dB
-25 dB
-21 dB
50
1695ABHD1
RG6 Plenum Size 2 BNC HD Connector
1-Piece Compression
Polished Nickel
Green
75
103(+)
-31 dB
-31 dB
-25 dB
-21 dB
50
1855ABHD1
22-24 AWG BNC HD Connector
1-Piece Compression
Polished Nickel
Purple
75
67(+)
-31 dB
-31 dB
-25 dB
-21 dB
50
179DTBHD1
179 Digital Truck BNC Connector
1-Piece Compression
Polished Nickel
Yellow
75
Exceeds Cable Strength
-31 dB
-31 dB
-25 dB
-21 dB
50
1-Piece Compression
Part
Number
Connector Description
Type
Finish
Color
Band
Impedence
(ohms)
Pullout Strength
RL@3
GHz
RL@3.5
GHz
RL@4
GHz
RL@4.5
GHz
QTY
1505ABHD3*
RG59BNC HD Connector
3-Piece Crimp
Polished Nickel
Red
75
72(+)
-27 dB
-27 dB
-21 dB
-23 dB
50
1694ABHD3*
RG6BNC HD Connector
3-Piece Crimp
Polished Nickel
Green
75
90(+)
-27 dB
-27 dB
-21 dB
-23 dB
50
1855ABHD3
22-24 AWG BNC HD Connector
3-Piece Crimp
Polished Nickel
Purple
75
75(+)
-27 dB
-27 dB
-21 dB
-23 dB
50
179DTBHD3
179 Digital Truck BNC Connector
3-Piece Crimp
Polished Nickel
Yellow
75
See Cable Spec
-27 dB
-27 dB
-21 dB
-23 dB
50
* These connectors can be used with a Plenum Cable
3-Piece Crimp
The Belden HD Brilliance Connector offering currently targets Belden Brilliance
Coaxial Cables most frequently used by Broadcast and Professional AV engineers
worldwide. Connector part numbers reflect corresponding cable part numbers, but
are not limited to these cables only.
Part
Number
Tool Description
QTY
BBRGST (Equivalent ICM Part Number: PSA59/6)
59/6 Strip Tool for RG59 or RG6 Cable
1
BBRGBST(Equivalent ICM Part Number: PSA59/6/RGB)
RGB Strip Tool for Mini RGB Cable 22-26 AWG
1
BBCOMT (Equivalent ICM Part Number: CPLCRBC-B)
Compression Tool for BB Series F, RCA and BNC Connectors
1
BBTEKIT
Tool Express Kit w/ Compression Tool for BB Series Connector and Strip Tool for RG 59 & RG 6 Cable
1
1-Piece Compression Tools
Part
Number
Tool Description
QTY
BB3PHCT
Belden HD Brilliance Three-Piece Hex Connector Tool
1
BB3PHCT-D
Replacement Die for BB3PHCT
1
BB3PST
Belden HD Brilliance Three-Piece Strip Tool
1
BB3PST-C
Replacement Cassette for BB3PST
1
3-Piece Compression Tools
Product Offering:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com