Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR20KF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR20KF
Description  20 AMP FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR20KF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR20KF Datasheet HTML 1Page - Solid States Devices, Inc SDR20KF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0193A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR20
__ __ __
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
ASMS = SMS with .145/.155” End Tab Size
Voltage/Family
JF = 600V
KF = 800V
MF = 1000V
SDR20JF thru SDR20MF
and
SDR20JFSMS thru SDR20MFSMS
Series
20 AMP
FAST RECOVERY RECTIFIER
600 ─ 1000 VOLTS
250 ns typical
FEATURES:
Fast Reverse Recovery
PIV to 1000 Volts
Hermetically Sealed
Low Reverse Leakage Current
Single Chip Construction
Replaces Larger DO-4 Rectifiers
Low Thermal Resistance
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Reverse Energy Rated- Contact Factory
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SDR20JF & SDR20JFSMS
SDR20KF & SDR20KFSMS
SDR20MF & SDR20MFSMS
VRRM
VRWM
VR
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
20
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
190
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
6.0
3.0
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS


Similar Part No. - SDR20KF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTR SSDI-SDR2030UFBTR Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTRS SSDI-SDR2030UFBTRS Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
More results

Similar Description - SDR20KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
International Rectifier
IRD3899 IRF-IRD3899 Datasheet
97Kb / 4P
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
1 AMP FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
TF601 TAITRON-TF601 Datasheet
141Kb / 3P
6 Amp Fast Recovery Rectifier
logo
Micro Commercial Compon...
FR2504 MCC-FR2504 Datasheet
197Kb / 3P
25 Amp Fast Recovery Rectifier
FR2504 MCC-FR2504_13 Datasheet
323Kb / 3P
25 Amp Fast Recovery Rectifier
logo
Nanjing International G...
FSM11PL-2C1A-2CSOD-123FL DGNJDZ-FSM11PL-2C1A-2CSOD-123FL Datasheet
102Kb / 2P
1.0 Amp Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SF20ED60 SECOS-SF20ED60 Datasheet
212Kb / 2P
20 Amp Super Fast Recovery Rectifier
SF20ED60F SECOS-SF20ED60F Datasheet
207Kb / 2P
20 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com