Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7R3S Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # 7R3S
Description  8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

7R3S Datasheet(HTML) 2 Page - Solid States Devices, Inc

  7R3S Datasheet HTML 1Page - Solid States Devices, Inc 7R3S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
2R3S THRU 20R3S
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF=8A, TA=25 ºC, 300μsec pulse)
VF
0.90
VDC
Reverse Leakage Current
(Rated VR, TA=25 ºC, 300μsec pulse minimum)
IR1
100
μA
Reverse Leakage Current
(Rated VR, TA=100 ºC, 300μsec pulse minimum)
IR2
2.0
mA
Reverse Recovery Time
(T
A=25 ºC, IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
35
nsec
Typical Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
300
pF
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
Case Outline: DO-4
Stud: Cathode
Lead: Anode
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0029D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com