Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4733TA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4733TA
Description  3 Channel 30W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4733TA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4733TA Datasheet HTML 1Page - National Semiconductor (TI) LM4733TA Datasheet HTML 2Page - National Semiconductor (TI) LM4733TA Datasheet HTML 3Page - National Semiconductor (TI) LM4733TA Datasheet HTML 4Page - National Semiconductor (TI) LM4733TA Datasheet HTML 5Page - National Semiconductor (TI) LM4733TA Datasheet HTML 6Page - National Semiconductor (TI) LM4733TA Datasheet HTML 7Page - National Semiconductor (TI) LM4733TA Datasheet HTML 8Page - National Semiconductor (TI) LM4733TA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V-|
69V
Common Mode Input Voltage
(V
+ or V-) and
|V
+|+|V-|
≤ 60V
Differential Input Voltage (Note 12)
60V
Output Current
Internally Limited
Power Dissipation (Note 3)
125W
ESD Susceptability (Note 4)
2.0kV
ESD Susceptability (Note 5)
200V
Junction Temperature (T
JMAX) (Note 9)
150˚C
Soldering Information
TA Package (10 seconds)
260˚C
Storage Temperature
-40˚C to +150˚C
Thermal Resistance
θ
JA
30˚C/W
θ
JC
0.9˚C/W
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤ +85˚C
Supply Voltage |V
+|+|V-|
20V
≤ V
TOTAL
≤ 64V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
+ = +24V, V- = −24V, I
MUTE = -1mA/channel and RL =8
Ω unless otherwise specified.
Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4733
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
|V
+|+|V-|
Power Supply Voltage (Note
10)
GND−V
-
≥ 9V
18
20
64
V (min)
V (max)
A
M
Mute Attenuation
I
MUTE = 0mA
110
dB
P
O
Output Power (RMS)
THD+N = 10% (max), f = 1kHz,
|V
+|=|V-| = 19V, R
L =4
Ω
|V
+|=|V-| = 24V, R
L =8
Ω
30
30
25
25
W (min)
W (min)
THD+N = 1% (max), f = 1kHz,
|V
+|=|V-| = 19V, R
L =4
Ω
|V
+|=|V-| = 24V, R
L =8
Ω
25
25
W
W
THD+N
Total Harmonic Distortion +
Noise
P
O = 1W, f = 1kHz
A
V = 26dB
|V
+|=|V-| = 19V, R
L =4
Ω
|V
+|=|V-| = 24V, R
L =8
Ω
0.05
0.03
%
%
X
talk
Channel Separation (Note 11)
P
O = 10W, f = 1kHz
70
dB
P
O = 10W, f = 10kHz
66
dB
SR
Slew Rate
V
IN = 1.2VRMS, f = 10kHz square
Wave, R
L =2k
Ω
9
V/µs
I
DD
Total Quiescent Power
V
CM = 0V,
72
150
mA (max)
Supply Current
V
O = 0V, IO =0A
V
OS
Input Offset Voltage
V
CM = 0V, IO = 0mA
1
10
mV (max)
I
B
Input Bias Current
V
CM = 0V, IO = 0mA
0.2
µA
PSRR
Power Supply Rejection Ratio
V
+ =24V+V
RIPPLE (1VRMS)
f
RIPPLE = 120Hz sine, V
- = -24V
85
dB
V
- =-24V+V
RIPPLE (1VRMS)
f
RIPPLE = 120Hz sine, V
+ = 24V
59
dB
A
VOL
Open Loop Voltage Gain
|V
+|=|V-| = 24V, R
L =2k
Ω,
∆V
O = 20V
115
dB
e
IN
Input Noise
IHF-A-Weighting Filter,
R
IN = 600
Ω (Input Referred)
3.0
µV
Note 1: All voltages are measured with respect to the ground pins, unless otherwise specified.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com