Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4914 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4914
Description  1W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4914 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4914 Datasheet HTML 1Page - National Semiconductor (TI) LM4914 Datasheet HTML 2Page - National Semiconductor (TI) LM4914 Datasheet HTML 3Page - National Semiconductor (TI) LM4914 Datasheet HTML 4Page - National Semiconductor (TI) LM4914 Datasheet HTML 5Page - National Semiconductor (TI) LM4914 Datasheet HTML 6Page - National Semiconductor (TI) LM4914 Datasheet HTML 7Page - National Semiconductor (TI) LM4914 Datasheet HTML 8Page - National Semiconductor (TI) LM4914 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4914
1W Monaural, 85mW Stereo Headphone Audio Amplifier
General Description
The unity-gain stable LM4914 is both a mono differential
output (for bridge-tied loads, or BTL) audio power amplifier
and a single-ended (SE) stereo headphone amplifier. Oper-
ating on a single 5V supply, the mono BTL mode delivers 1W
into an 8
Ω load. In SE stereo mode, the amplifier delivers
85mW to 32
Ω loads. The LM4914 features circuitry that
suppresses output transients ("clicks and pops").
The LM4914 is designed for notebook and other handheld
portable applications. It delivers high quality output power
from a surface-mount package and requires few external
components. The LM4914 is pin and functionally compatible
with the TPA0253.
Other features include an active-low micro-power shutdown
mode and thermal shutdown protection.
The LM4914 is available in a space efficient 10-lead
exposed-DAP TSSOP package.
Key Specifications
j BTL output power (RL =8
Ω)
V
DD = at 3.0V, THD = 0.1%
V
DD = at 5.0V, THD = 0.1%
330mW (typ)
1W (typ)
j SE output power (RL =32
Ω)
V
DD = at 3.0V, THD = 0.1%
V
DD = at 5.0V, THD = 0.1%
30mW (typ)
85mW (typ)
j Micro-power shutdown supply current
0.03µA (typ)
j PSRR (f = 1kHz)
V
DD = at 3.0V, BTL Mode
V
DD = at 5.0V, BTL Mode
52dB (typ)
52dB (typ)
Features
n
Advanced "click and pop" suppression circuitry
n
Stereo headphone amplifier mode
n
Low current micro-power shutdown mode
n
Thermal shutdown protection circuitry
n
2.5V to 5.5V operation
n
Unity-gain stable
n
Gain set with external resistors
n
Space-saving exposed-DAP TSSOP package
Applications
n
PDAs
n
Cellular phones
n
Handheld portable electronic devices
Connection Diagram
200634A0
Top View
Order Number LM4914MH
See NS package Number MXF10A
Boomer® is a registered trademark of National Semiconductor Corporation.
March 2003
© 2003 National Semiconductor Corporation
DS200634
www.national.com


Similar Part No. - LM4914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Texas Instruments
LM4910 TI2-LM4910 Datasheet
1Mb / 31P
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier
REVISED MARCH 2007
logo
National Semiconductor ...
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
Low-Voltage Headphone Amplifier for Stereo Audio
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
Monaural Speaker/Stereo Headphone Power Amplifier
logo
National Semiconductor ...
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
1W1W Stereo Speaker / Headphone Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com