Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHF2340SMSS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHF2340SMSS
Description  3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF2340SMSS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHF2340SMSS Datasheet HTML 1Page - Solid States Devices, Inc SHF2340SMSS Datasheet HTML 2Page - Solid States Devices, Inc SHF2340SMSS Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0190A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SHF23 __
__ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
GW = Gullwing
Voltage/Family
40 = 400V
50 = 500V
60 = 600V
SHF2340 thru
SHF2360
3 AMP
HYPERFAST RECOVERY
RECTIFIER
400 ─ 600 VOLTS, 18 ns
FEATURES:
Hyper fast reverse recovery: 18 ns maximum
4/
Low switching losses
Hermetically sealed
Void free ceramic frit glass construction
High temperature category I eutectic metallurgical bond
Solid silver leads
Available in axial leaded, surface mount square tab,
and gullwing versions
TX, TXV, and S-level screening available
2/
TYPICAL APPLICATIONS:
Power Factor Correction
High Frequency Rectification
MAXIMUM RATINGS3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
VRRM
VRWM
VR
400
500
600
Volts
Average Rectified Forward Current
(Axial TL ≤ 50°C; SMS TEC ≤ 120°C; GW TEGW ≤ 100°C)
5/
IO
3
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, VRWM = rated,
allow junction to reach equilibrium between pulses, TA= 25°C)
IFSM
35
Amps
Operating & Storage Temperature
TJ and TSTG
-65 to +175
°C
Thermal Resistance
Axial Leaded, L = .375"
Surface Mount Square Tab (SMS)
Gullwing (GW)
RθJL
RθJE
RθJGW
32
8.5
17
°C/W
NOTES:
1/ For ordering information, price, operating curves, and availability-
contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available
on request.
3/ Unless otherwise specified, all electrical characteristics @ 25°C.
4/ IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25°C
5/ Operating at higher IO currents may be achieved based on
specific application and device mounting if TJ is maintained
below 175°C.
Axial Leaded (__)
Surface Mount
Square Tab (SMS)
Gullwing
(GW)


Similar Part No. - SHF2340SMSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SHF SAMTEC-SHF Datasheet
179Kb / 1P
SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
SHF SAMTEC-SHF Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
logo
List of Unclassifed Man...
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
232Kb / 8P
Crimping tools and machines
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
SHF-002T-0.8BS ETC2-SHF-002T-0.8BS Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - SHF2340SMSS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QR0640T30 POWEREX-QR0640T30 Datasheet
115Kb / 3P
Fast Recovery Diode Module (400 Amp/600 Volts)
QRS0640T30 POWEREX-QRS0640T30 Datasheet
113Kb / 3P
Fast Recovery Diode Module (400 Amp/600 Volts)
logo
Solid States Devices, I...
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD645-1 SSDI-SPD645-1 Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205 Datasheet
148Kb / 2P
2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
25 ns HYPERFAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188 Datasheet
289Kb / 2P
FAST RECOVERY, GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 400 THRU 600 VOLTS
logo
Solid States Devices, I...
SDR0360 SSDI-SDR0360 Datasheet
137Kb / 2P
3 AMP, 30nsec SMD HyperFast Rectifier Low Forward Voltage 400 - 600 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com