Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1630 Datasheet(PDF) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
12
www.trinamic.com
5.2.3 Open drain outputs
The module offers three open drain outputs. Two of them (LED-Temp and LED-Curlim) power on-board LEDs,
also. Please refer to paragraph 6 for more information about the LEDs.
Pin Label
Description
6
Tacho
This pin outputs a tacho impulse, i.e. toggles on each hall sensor
change
8
LED-Temp
+5V TTL output: Toggling with 3Hz when temperature pre-warning
threshold is exceeded, low when module shut down due to
overtemperature
9
LED-Curlim Low when module goes into current limiting mode
Table 5.6: Outputs of the TMCM-1630
GND
GND
Header
Tacho
LED-Temp
LED-Curlim
1kOO/1%
+VM
+5V
Figure 5.4: Internal circuit of the outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com