Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1764
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764 Datasheet(HTML) 2 Page - Linear Technology

  LT1764 Datasheet HTML 1Page - Linear Technology LT1764 Datasheet HTML 2Page - Linear Technology LT1764 Datasheet HTML 3Page - Linear Technology LT1764 Datasheet HTML 4Page - Linear Technology LT1764 Datasheet HTML 5Page - Linear Technology LT1764 Datasheet HTML 6Page - Linear Technology LT1764 Datasheet HTML 7Page - Linear Technology LT1764 Datasheet HTML 8Page - Linear Technology LT1764 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1764 Series
1764fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 0.5A
1.7
V
(Notes 3, 11)
ILOAD = 1.5A
1.9
V
ILOAD = 2.7A, 110°C < TJ ≤ 125°C
2.3
2.7
V
ILOAD = 3A, – 40°C ≤ TJ ≤ 110°C
2.3
2.7
V
Regulated Output Voltage
LT1764-1.5
VIN = 2.21V, ILOAD = 1mA
1.477
1.500
1.523
V
(Note 4)
2.7V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.447
1.500
1.545
V
2.7V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.447
1.500
1.545
V
LT1764-1.8
VIN = 2.3V, ILOAD = 1mA
1.773
1.800
1.827
V
2.8V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.737
1.800
1.854
V
2.8V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.737
1.800
1.854
V
LT1764-2.5
VIN = 3V, ILOAD = 1mA
2.462
2.500
2.538
V
3.5V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
2.412
2.500
2.575
V
3.5V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
2.412
2.500
2.575
V
LT1764-3.3
VIN = 3.8V, ILOAD = 1mA
3.250
3.300
3.350
V
4.3V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
3.183
3.300
3.400
V
4.3V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
3.183
3.300
3.400
V
ADJ Pin Voltage
LT1764
VIN = 2.21V, ILOAD = 1mA
1.192
1.210
1.228
V
(Notes 3, 4)
2.7V < VIN < 20V, 1mA < ILOAD < 3A, – 40°C ≤ TJ ≤ 110°C
1.168
1.210
1.246
V
2.7V < VIN < 20V, 1mA < ILOAD < 2.7A, 110°C < TJ ≤ 125°C
1.168
1.210
1.246
V
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
IN Pin Voltage ........................................................
±20V
OUT Pin Voltage ....................................................
±20V
Input to Output Differential Voltage (Note 12) .......
±20V
SENSE Pin Voltage ...............................................
±20V
ADJ Pin Voltage ......................................................
±7V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
LT1764EQ
LT1764EQ-1.5
LT1764EQ-1.8
LT1764EQ-2.5
LT1764EQ-3.3
TJMAX = 150°C, θJA = 30°C/ W
SHDN Pin Voltage .................................................
±20V
Output Short-Circuit Duration ......................... Indefinite
Operating Junction Temperature Range – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
*PIN 5 = SENSE FOR LT1764-1.8/
LT1764-2.5/LT1764-3.3
= ADJ FOR LT1764
ORDER PART
NUMBER
Q PACKAGE
5-LEAD PLASTIC DD
TAB IS
GND
FRONT VIEW
SENSE/ADJ*
OUT
GND
IN
SHDN
5
4
3
2
1
LT1764ET
LT1764ET-1.5
LT1764ET-1.8
LT1764ET-2.5
LT1764ET-3.3
*PIN 5 = SENSE FOR LT1764-1.8/
LT1764-2.5/LT1764-3.3
= ADJ FOR LT1764
TJMAX = 150°C, θJA = 50°C/ W
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
5
4
3
2
1
TAB IS
GND
SENSE/ADJ*
OUT
GND
IN
SHDN
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com