Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8ACC7 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8ACC7
Description  8-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8ACC7 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8ACC7 Datasheet HTML 1Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 2Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 3Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 4Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 5Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 6Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 7Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 8Page - National Semiconductor (TI) COP8ACC7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
COP8ACC7
8-Bit CMOS OTP Microcontroller with 16k Memory and
High Resolution A/D
General Description
The COP8ACC7 OTP (One Time Programmable) microcon-
trollers are highly integrated COP8™ Feature core devices
with 16k memory and advanced features including a High-
Resolution A/D. This multi-chip CMOS device is suited for
applications requiring a full featured controller with a high
resolution A/D (only one external capacitor required), and for
pre-production devices for a ROM design. Pin and software
compatible (different V
CC range) 4k ROM versions are avail-
able (COPACC5). Erasable windowed versions are available
for use with a range of COP8 software and hardware devel-
opment tools.
Family features include an 8-bit memory mapped architec-
ture, 4 MHz CKI with 2.5 µs instruction cycle, two external
clock options (–XE = Crystal; –RE = RC), 6 channel A/D with
12-bit resolution, analog capture timer, analog current
source and V
CC/2 reference, one multi-function 16-bit timer/
counter, MICROWIRE/PLUS™ serial I/O, two power saving
HALT/IDLE modes, MIWU, high current outputs, software
selectable I/O options, WATCHDOG™ timer and Clock Moni-
tor, 2.7V to 5.5V operation, program code security, and
20/28 pin packages.
Device included in this datasheet is:
Device
Memory (bytes)
RAM (bytes)
I/O Pins
Packages
Temperature
COP8ACC7xxx9
16k OTP EPROM
128
15/23
20 SOIC, 28 DIP/SOIC
0 to +70˚C
COP8ACC7xxx8
16k OTP EPROM
128
15/23
20 SOIC, 28 DIP/SOIC
-40 to +85˚C
Key Features
n Analog Function Block with 12-bit A/D including:
— Analog comparator with seven input muxes
— Constant Current Source and V
CC/2 Reference
— 16-bit capture timer (upcounter) clocked from CKI
with auto reset on timer startup
n Quiet design (reduced radiated emissions)
n 4096 bytes on-board OTP EPROM with security feature
n 128 bytes on-board RAM
Additional Peripheral Features
n Idle Timer
n One 16-bit timer with two 16-bit registers supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n Multi-Input Wake-Up (MIWU) with optional interrupts
n WATCHDOG and clock monitor logic
n MICROWIRE/PLUS serial I/O with programmable shift
clock-polarity
I/O Features
n Software selectable I/O options (Push-Pull Output, Weak
Pull-Up Input, High Impedance Input)
n High current outputs
n Schmitt Trigger inputs on ports G and L
n Packages:
— 28 DIP/SO with 23 I/O pins
— 20 SO with 15 I/O pins
CPU/Instruction Set Features
n 2.5 µs instruction cycle time
n Eight multi-source vectored interrupt servicing:
— External Interrupt
— Idle Timer T0
— Timer T1 associated Interrupts
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS
— A/D (Capture Timer)
n 8-bit Stack Pointer (SP) — stack in RAM
n Two 8-bit Registers Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n Two power saving modes: HALT and IDLE
n Temperature ranges: 0˚C to +70˚C, −40˚C to +85˚C
n Available with Crystal (-XE) or R/C (-RE) oscillator
Development System
n Emulation device for COP8ACC5
n Real time emulation and full program debug offered by
MetaLink® development system
Applications
n Battery Chargers
n Appliances
n Data Acquisition systems
Driveway™ is a trademark of Aisys Intelligent Systems.
COP8™, MICROWIRE™, MICROWIRE/PLUS™, and WATCHDOG™ are trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
May 1999
© 1999 National Semiconductor Corporation
DS012869
www.national.com


Similar Part No. - COP8ACC7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC720M9-XE NSC-COP8ACC720M9-XE Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC720N8-XE NSC-COP8ACC720N8-XE Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC728M8-XE NSC-COP8ACC728M8-XE Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC728M9-XE NSC-COP8ACC728M9-XE Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC728N8-XE NSC-COP8ACC728N8-XE Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
More results

Similar Description - COP8ACC7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
logo
National Semiconductor ...
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
logo
Microchip Technology
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com