Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERLA201LIN162KA45M Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # ERLA201LIN162KA45M
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ERLA201LIN162KA45M Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  ERLA201LIN162KA45M Datasheet HTML 1Page - Nippon Precision Circuits Inc ERLA201LIN162KA45M Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High ripple snap-ins, 85
℃
RLA
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
180
900
30
×35
0.15
4.66
ERLA181LIN901KR35M
210
1,400
30
×55
0.15
6.31
ERLA211LIN142KR55M
1,100
30
×40
0.15
5.17
ERLA181LIN112KR40M
1,500
35
×45
0.15
6.21
ERLA211LIN152KA45M
1,300
30
×45
0.15
5.64
ERLA181LIN132KR45M
1,700
35
×50
0.15
6.82
ERLA211LIN172KA50M
1,500
30
×50
0.15
6.07
ERLA181LIN152KR50M
2,000
35
×55
0.15
7.62
ERLA211LIN202KA55M
1,500
35
×40
0.15
5.75
ERLA181LIN152KA40M
220
700
30
×35
0.15
4.27
ERLA221LIN701KR35M
1,700
30
×55
0.15
6.63
ERLA181LIN172KR55M
900
30
×40
0.15
4.85
ERLA221LIN901KR40M
1,800
35
×45
0.15
6.37
ERLA181LIN182KA45M
1,000
30
×45
0.15
5.19
ERLA221LIN102KR45M
2,000
35
×50
0.15
6.84
ERLA181LIN202KA50M
1,000
35
×35
0.15
4.87
ERLA221LIN102KA35M
200
900
30
×35
0.15
4.66
ERLA201LIN901KR35M
1,200
30
×50
0.15
5.68
ERLA221LIN122KR50M
1,000
30
×40
0.15
5.01
ERLA201LIN102KR40M
1,200
35
×40
0.15
5.44
ERLA221LIN122KA40M
1,200
30
×45
0.15
5.51
ERLA201LIN122KR45M
1,300
30
×55
0.15
6.09
ERLA221LIN132KR55M
1,200
35
×35
0.15
5.14
ERLA201LIN122KA35M
1,400
35
×45
0.15
5.96
ERLA221LIN142KA45M
1,400
30
×50
0.15
5.95
ERLA201LIN142KR50M
1,600
35
×50
0.15
6.51
ERLA221LIN162KA50M
1,400
35
×40
0.15
5.66
ERLA201LIN142KA40M
1,800
35
×55
0.15
7.10
ERLA221LIN182KA55M
1,500
30
×55
0.15
6.36
ERLA201LIN152KR55M
250
600
30
×35
0.15
4.03
ERLA251LIN601KR35M
1,600
35
×45
0.15
6.14
ERLA201LIN162KA45M
800
30
×40
0.15
4.66
ERLA251LIN801KR40M
1,900
35
×50
0.15
6.82
ERLA201LIN192KA50M
900
30
×45
0.15
5.01
ERLA251LIN901KR45M
2,200
35
×55
0.15
7.60
ERLA201LIN222KA55M
900
35
×35
0.15
4.73
ERLA251LIN901KA35M
210
800
30
×35
0.15
4.48
ERLA211LIN801KR35M
1,000
30
×50
0.15
5.32
ERLA251LIN102KR50M
900
30
×40
0.15
4.86
ERLA211LIN901KR40M
1,100
35
×40
0.15
5.33
ERLA251LIN112KA40M
1,100
30
×45
0.15
5.39
ERLA211LIN112KR45M
1,200
30
×55
0.15
5.96
ERLA251LIN122KR55M
1,100
35
×35
0.15
5.06
ERLA211LIN112KA35M
1,200
35
×45
0.15
5.68
ERLA251LIN122KA45M
1,200
30
×50
0.15
5.71
ERLA211LIN122KR50M
1,400
35
×50
0.15
6.25
ERLA251LIN142KA50M
1,300
35
×40
0.15
5.65
ERLA211LIN132KA40M
1,600
35
×55
0.15
6.87
ERLA251LIN162KA55M
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
180 to 250Vdc
0.70
1.00
1.17
1.32
1.45
1.50
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
New!
242
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com