Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3100 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3100
Description  SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3100 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3100 Datasheet HTML 1Page - ON Semiconductor MBR3100 Datasheet HTML 2Page - ON Semiconductor MBR3100 Datasheet HTML 3Page - ON Semiconductor MBR3100 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR3100
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient (see Note 2, Mounting Method 3)
RθJA
28
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 3.0 Amps, TL = 25°C)
(iF = 3.0 Amps, TL = 100°C)
vF
0.79
0.69
V
Maximum Instantaneous Reverse Current @ Rated dc Voltage (Note 1)
TL = 25°C
TL = 100°C
iR
0.6
20
mA
1. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
IF (AV), AVERAGE FORWARD CURRENT (AMPS)
0
2.0
1.0
3.0
4.0
5.0
0.5
1
1.5
2
2.5
TA, AMBIENT TEMPERATURE (°C)
20
100
60
40
80
4
2
0
dc
120
140
160
180
VR REVERSE VOLTAGE (VOLTS)
020
10
30
40
0.001
0.002
0.005
0.01
0.05
0.02
0.1
0.5
0.2
1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.1
0.3 0.4 0.5
5
0.2
0.1
3
2
1
0.7
0.6
0.8 0.9
0.3
0.05
0.5
25°C
100°C
TJ = 150°C
50
30
20
10
1
1.2 1.3
1.1
50
60
80
90
100
0.0001
0.0002
0.0005
25°C
70
100°C
TJ = 150°C
125°C
1
3
5
6
7
8
3
3.5
4
dc
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
SQUARE
WAVE
SQUARE
WAVE
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating
(Mounting Method #3 per Note 2)
Figure 4. Power Dissipation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com