Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF18090AS Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF18090AS
Description  1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18090AS Datasheet(HTML) 2 Page - Motorola, Inc

  MRF18090AS Datasheet HTML 1Page - Motorola, Inc MRF18090AS Datasheet HTML 2Page - Motorola, Inc MRF18090AS Datasheet HTML 3Page - Motorola, Inc MRF18090AS Datasheet HTML 4Page - Motorola, Inc MRF18090AS Datasheet HTML 5Page - Motorola, Inc MRF18090AS Datasheet HTML 6Page - Motorola, Inc MRF18090AS Datasheet HTML 7Page - Motorola, Inc MRF18090AS Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF18090A MRF18090AS
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 µAdc)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
µAdc
Gate–Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
µAdc
ON CHARACTERISTICS
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 750 mAdc)
VGS(Q)
2.5
3.7
4.5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 1 Adc)
VDS(on)
—
0.1
—
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 3 Adc)
gfs
—
7.2
—
S
DYNAMIC CHARACTERISTICS
Reverse Transfer Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
4.2
—
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
Common–Source Amplifier Power Gain @ 90 W (1)
(VDD = 26 Vdc, IDQ = 750 mA, f = 1805 – 1880 MHz)
Gps
12.0
13.5
—
dB
Drain Efficiency @ 90 W (1)
(VDD = 26 Vdc, IDQ = 750 mA, f = 1805 – 1880 MHz)
η
47
52
—
%
Input Return Loss (1)
(VDD = 26 Vdc, Pout = 90 W CW, IDQ = 750 mA,
f = 1805 – 1880 MHz)
IRL
—
—
–10
dB
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 90 W CW, IDQ = 750 mA VSWR = 10:1,
All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(1) To meet application requirements, Motorola test fixtures have been designed to cover the full GSM1800 band, ensuring batch–to–batch
consistency.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com