Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT50-SD Datasheet(PDF) 3 Page - LEM

Part # TT50-SD
Description  AC Current transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

TT50-SD Datasheet(HTML) 3 Page - LEM

  TT50-SD Datasheet HTML 1Page - LEM TT50-SD Datasheet HTML 2Page - LEM TT50-SD Datasheet HTML 3Page - LEM TT50-SD Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
43
4
4
23.5
27.5
23.5
8
1000 +/-20.00
10
N.P
K
L
8
3.2
l ( Bk)
k( Wt )
Ip
Dimensions TT 50-SD (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
• General tolerance
± 1 mm
• Primary aperture
∅ 8 mm
• Fastening
Cable tie
• Output cable length
1000 mm
071115/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/4
Remark
• ATTENTION: contact areas (air gap) must be kept clean
(particle free) to ensure proper performance
Connections



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com