Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-08B Datasheet(PDF) 2 Page - Coto Technology

Part # RI-08B
Description  Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-08B Datasheet(HTML) 2 Page - Coto Technology

  RI-08B Datasheet HTML 1Page - Coto Technology RI-08B Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
125
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: info@cotorelay.com
RI-08 Series Dry Reed Switch
nor a switch kept closed by an 80 AT coil to open.
Vibration
The switches are tested in accordance with “IEC
68-2-6”, test Fc (acceleration 10 G; below cross-over
frequency 57 to 62 Hz; amplitude 0.75 mm; frequency
range 10 to 2000 Hz, duration 90 minutes). Such a
vibration will not cause an open switch (no magnetic
field present) to close, nor a switch kept closed by an
80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accor-
dance with “IEC 68-2-21”, test Ua
1 (load 40 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+125°C. Storage temperature; min: -55°C; max:
+125°C. Note: Temperature excursions up to 150°C
may be permissible. For more information contact your
nearest Coto Technology sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ±10°C for 3.5 ±0.5 s. Solderability is tested in
accordance with “IEC 68-2-20”, test Ta, method 3:
solder globule temperature 235°C; ageing 1b: 4 hours
steam.
Welding
The leads can be welded.
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray magnetic
fields from influencing the operating and measuring
conditions.
Model Number
RI-08AA
RI-08A
RI-08B
Parameters
Test Conditions
Units
Operating Characteristics
Operate Range
AT
10.5-19
15-28
24-51
Release Range
AT
4-12
5-16
8-20.5
Operate Time - including bounce (typ.)
(energization)
ms
0.35 (24AT)
0.35 (35AT)
0.35 (64AT)
Bounce Time (typ.)
(energization)
ms
0.15 (24AT)
0.15 (35AT)
0.15 (64AT)
Release Time (max)
(energization)
µs
30 (24AT)
30 (35AT)
30 (64AT)
Resonant Frequency (typ.)
Hz
3200
3200
3200
Electrical Characteristics
Switched Power (max)
W
30
30
40
Switched Voltage DC (max)
V
200
200
200
Switched Voltage AC, RMS value (max)
V
200
200
250
Switched Current DC (max)
mA
750
1000
1000
Switched Current AC, RMS value (max)
mA
750
1000
1000
Carry Current DC (max)
A
1.75
2.25
3.0
Breakdown Voltage (min)
V
300
400
580
Contact Resistance (initial max)
(energization)
m
Ω
120 (27 AT)
120 (27AT)
120 (36 AT)
Contact Resistance (initial typ.)
(energization)
m
Ω
90 (27 AT)
90 (27 AT)
90 (36 AT)
Contact Capacitance (max)
without test coil
pF
0.20
0.20
0.20
Insulation Resistance (min)
RH
≤ 45%
M
Ω
10
6
10
6
x10
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com