Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPN Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPN Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F435IPN Datasheet HTML 13Page - Texas Instruments MSP430F435IPN Datasheet HTML 14Page - Texas Instruments MSP430F435IPN Datasheet HTML 15Page - Texas Instruments MSP430F435IPN Datasheet HTML 16Page - Texas Instruments MSP430F435IPN Datasheet HTML 17Page - Texas Instruments MSP430F435IPN Datasheet HTML 18Page - Texas Instruments MSP430F435IPN Datasheet HTML 19Page - Texas Instruments MSP430F435IPN Datasheet HTML 20Page - Texas Instruments MSP430F435IPN Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
module enable registers 1 and 2
76
5
4
0
UTXE0
32
1
rw–0
rw–0
Address
04h
URXE0
USPIE0
URXE0:
USART0, UART receive enable
UTXE0:
USART0, UART transmit enable
USPIE0:
USART0, SPI (synchronous peripheral interface) transmit and receive enable
76
5
4
0
UTXE1
32
1
rw–0
rw–0
Address
05h
URXE1
USPIE1
URXE1:
USART1, UART receive enable (MSP430F44x devices only)
UTXE1:
USART1, UART transmit enable (MSP430F44x devices only)
USPIE1:
USART1, SPI (synchronous peripheral interface) transmit and receive enable (MSP430F44x
devices only)
rw–0:
Legend: rw:
Bit Can Be Read and Written
Bit Can Be Read and Written. It Is Reset by PUC.
SFR Bit Not Present in Device
memory organization
MSP430F435
MSP430F436
MSP430F437
MSP430F447
MSP430F448
MSP430F449
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
16KB
0FFFFh – 0FFE0h
0FFFFh – 0C000h
24KB
0FFFFh – 0FFE0h
0FFFFh – 0A000h
32KB
0FFFFh – 0FFE0h
0FFFFh – 08000h
48KB
0FFFFh – 0FFE0h
0FFFFh – 04000h
60KB
0FFFFh – 0FFE0h
0FFFFh – 01100h
Information memory
Size
Flash
256 Byte
010FFh – 01000h
256 Byte
010FFh – 01000h
256 Byte
010FFh – 01000h
256 Byte
010FFh – 01000h
256 Byte
010FFh – 01000h
Boot memory
Size
ROM
1KB
0FFFh – 0C00h
1KB
0FFFh – 0C00h
1KB
0FFFh – 0C00h
1KB
0FFFh – 0C00h
1KB
0FFFh – 0C00h
RAM
Size
512 Byte
03FFh – 0200h
1KB
05FFh – 0200h
1KB
05FFh – 0200h
2KB
09FFh – 0200h
2KB
09FFh – 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh – 0100h
0FFh – 010h
0Fh – 00h
01FFh – 0100h
0FFh – 010h
0Fh – 00h
01FFh – 0100h
0FFh – 010h
0Fh – 00h
01FFh – 0100h
0FFh – 010h
0Fh – 00h
01FFh – 0100h
0FFh – 010h
0Fh – 00h
boot ROM containing bootstrap loader
The intention of the bootstrap loader is to download data into the flash memory module. Various write, read, and
erase operations are needed for a proper download environment.
functions of the bootstrap loader:
Definition of read:
Apply data to pin P1.0/TA0 (BSLTX) and transmit peripheral registers or memory data to
pin P1.0/TA0.
write:
Read data from pin P1.1/TA0/MCLK (BSLRX) and write it to flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com