Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B460R Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB9B460R
Description  32-Bit ARM짰 Cortex짰 - MF FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460R Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB9B460R Datasheet HTML 79Page - Cypress Semiconductor MB9B460R Datasheet HTML 80Page - Cypress Semiconductor MB9B460R Datasheet HTML 81Page - Cypress Semiconductor MB9B460R Datasheet HTML 82Page - Cypress Semiconductor MB9B460R Datasheet HTML 83Page - Cypress Semiconductor MB9B460R Datasheet HTML 84Page - Cypress Semiconductor MB9B460R Datasheet HTML 85Page - Cypress Semiconductor MB9B460R Datasheet HTML 86Page - Cypress Semiconductor MB9B460R Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
Document Number: 002-04868 Rev.*A
Page 83 of 166
MB9B460R Series
11.3.2
Pin Characteristics
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
"H" level input
voltage
(hysteresis
input)
VIHS
CMOS
hysteresis
input pin,
MD0, MD1
-
VCC×0.8
-
VCC + 0.3
V
5V tolerant
input pin
-
VCC×0.8
-
VSS + 5.5
V
Input pin
doubled as
I
2C Fm+
-
VCC×0.7
-
VSS + 5.5
V
"L" level input
voltage
(hysteresis
input)
VILS
CMOS
hysteresis
input pin,
MD0, MD1
-
VSS - 0.3
-
VCC×0.2
V
5V tolerant
input pin
-
VSS - 0.3
-
VCC×0.2
V
Input pin
doubled as
I
2C Fm+
-
VSS
-
VCC×0.3
V
"H" level output
voltage
VOH
4mA type
VCC ≥ 4.5 V,
IOH = - 4mA
VCC - 0.5
-
VCC
V
VCC < 4.5 V,
IOH = - 2mA
8mA type
VCC ≥ 4.5 V,
IOH = - 8mA
VCC - 0.5
-
VCC
V
VCC < 4.5 V,
IOH = - 4mA
12mA type
VCC ≥ 4.5 V,
IOH = - 12mA
VCC - 0.5
-
VCC
V
VCC < 4.5 V,
IOH = - 8mA
The pin
doubled as
I
2C Fm+
VCC ≥ 4.5 V,
IOH = - 4mA
VCC - 0.5
-
VCC
V
At GPIO
VCC < 4.5 V,
IOH = - 3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com