Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C4 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6E2C4
Description  32-bit Microcontroller FM4 Family
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C4 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6E2C4 Datasheet HTML 1Page - Cypress Semiconductor S6E2C4 Datasheet HTML 2Page - Cypress Semiconductor S6E2C4 Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S6E2C4 Series
32-bit Microcontroller
FM4 Family
Fact Sheet (Preliminary)
Publication Number S6E2C4_NP709-00011
Revision 0.1
Issue Date October 20, 2014
Copyright © 2014 Spansion
All rights reserved. Spansion
®, the Spansion logo, MirrorBit®, Easy DesignSim™, Traveo™and combinations thereof, are trademarks
and registered trademarks of Spansion LLC in the United States and other countries. Other names used are for informational purposes only and may be trademarks
of their respective owners.
S6E2C4 Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers with
high-performance and competitive cost. S6E2C4 Series are based on the ARM
® Cortex®-M4F Processor with
Flash memory and SRAM, and has peripheral functions such as Motor Control Timers, ADCs, DACs and
Communication Interfaces.
1.
FEATURES
ARM Cortex-M4F CPU Core
Processor version:r0p1
FPU built-in, Support DSP instruction
Clock
Maximum clock frequency:200MHz
Base Timer:16 channels (Max.)
Watch counter
CRC accelerator
Multi-function Timer:3 units (Max.)
16-bit free-run timer
×3 channels/unit
Input capture
×4 channels/unit
Output compare
×6 channels/unit
A/D activation compare
×6 channels/unit
Waveform generator
×3 channels/unit
16-bit PPG timer
×3 channels/unit
QPRC:4 channel
Dual Timer:1 unit
Watch dog Timer:1 channel (SW) + 1 channel (HW)
Multi-function Serial Interface:16 channels (Max.)
Selectable from UART/CSIO/LIN/I
2C
Real Time Clock:1 unit
DMA Controller:8 channels
DSTC:256 channels
CAN:2 channels
CAN-FD:1 channel
SD card Interface:1 channel
I2S:1 unit (except for S6E2C48H/9H/AH)
External Interrupt Controller Unit
External interrupt input pin:Max. 32 pins
Include one non-maskable interrupt (NMI)
12-bit A/D Converter:Max. 32 channels (3 units)
12-bit D/A Converter:2 units (Max.)
Low Power Consumption Mode
Sleep mode/Timer mode/RTC mode/Stop mode/Deep
standby RTC mode/Deep standby stop mode supported
General Purpose I/O port
S6E2C48H/9H/AH
:120 (Max.)
S6E2C48J/9J/AJ
:152 (Max.)
S6E2C48L/9L/AL
:190 (Max.)
Built-in CR
Unique ID
Low Voltage Detector
Clock Super Visor
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM)
AHB Trace Macrocells (HTM)
Power Supply:2.7 to 5.5V
2.
PRODUCT LINEUP
Part number
Parameter
S6E2C48
H/J/L
S6E2C49
H/J/L
S6E2C4A
H/J/L
Main Flash
(Byte)
1024K
1536K
2048K
RAM
(Byte)
128K
192K
256K
3.
ORDERING INFORMATION
Part number
Package
S6E2C48H0AGV20000
Plastic・LQFP(0.5mm pitch),
144-pins
(FPT-144P-M08)
S6E2C49H0AGV20000
S6E2C4AH0AGV20000
S6E2C48J0AGV20000
Plastic・LQFP(0.5mm pitch),
176-pins
(FPT-176P-M07)
S6E2C49J0AGV20000
S6E2C4AJ0AGV20000
S6E2C48J0AGB10000
Plastic・BGA(0.8mm pitch),
192-pins
(LBE192)
S6E2C49J0AGB10000
S6E2C4AJ0AGB10000
S6E2C48L0AGL20000
Plastic・LQFP(0.4mm pitch),
216-pins
(FPT-216P-M01)
S6E2C49L0AGL20000
S6E2C4AL0AGL20000
4.
PACKAGE EXAMPLE OF
REFERENCE
Plastic ・ LQFP、216-pins
(FPT-216P-M01)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com