Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6J32BA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 1 Page - Cypress Semiconductor

  S6J32BA Datasheet HTML 1Page - Cypress Semiconductor S6J32BA Datasheet HTML 2Page - Cypress Semiconductor S6J32BA Datasheet HTML 3Page - Cypress Semiconductor S6J32BA Datasheet HTML 4Page - Cypress Semiconductor S6J32BA Datasheet HTML 5Page - Cypress Semiconductor S6J32BA Datasheet HTML 6Page - Cypress Semiconductor S6J32BA Datasheet HTML 7Page - Cypress Semiconductor S6J32BA Datasheet HTML 8Page - Cypress Semiconductor S6J32BA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 179 page
background image
S6J3200 Series
32-bit Microcontroller
Traveo
Family
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-05682 Rev.*A
Revised April 22, 2016
The Traveo MCU family S6J3200 features 32-bit RISC microcontrollers with an ARM
® Cortex®- R5 core and operates up to
240MHz. This microcontroller comes with highly-efficient 2D/3D graphic engines with advanced feature-sets for memory savings,
safety and high image quality to help manufacturers take advantage of the lower overall system costs while meeting the
increasingly high levels of performance and quality that industrial, consumer and automotive applications demand. In addition, this
microcontroller offers support for Cypress HyperBus
TM memory interface, a breakthrough that dramatically improves read
performance while reducing the number of pins. This microcontroller comes with Ethernet AVB, CAN-FD, a high-speed
communication protocol compatible with the conventional CAN, and SHE (Secure Hardware Extension) as security function.
Features
System
32bit ARM Cortex-R5F CPU core at up to 240MHz
General purpose I/O port:up to 120
12-bit A/D converter:up to 50 channels
External interrupt:up to 16 channels
Base timer:up to 24 channels
32-bit free-run timer:up to 12 channels
Built-in CR oscillators
Real-time clock
Input capture unit:up to 24 channels
Output compare unit:up to 24 channels
DMA controller:16 channels
Stepper motor controller (SMC): 6 Units
JTAG debug interface
Graphics and Display
2D graphic engine
3D graphic engine (optional)
Timing generator - TCON
TTL/RSDS
FPD-Link
– LVDS (optional)
Video capture (optional)
Communication: Ethernet AVB MAC (optional)
CAN-FD:up to 4 channels
Multi-function serial interface:up to 12 channels, select
able protocol: UART, CSIO, LIN and I2C
MediaLB : up to 1 channel (optional)
Memory
Cypress
HyperBus™ Memory interface
Dual quad double data rate SPI Flash Interface
Multimedia
I2S input/output: up to 2 Units
PCM to PWM output unit
Sound mixer (optional): 1 unit x 10 inputs (optional)
Stereo audio DAC (optional)
Security and Safety
Secure Hardware Extension - SHE
Safety features, such as MPU, TPU, ECC and others
CRC generator: 1 channel
Watchdog timer with window function
Low voltage detector
Clock supervisor for all source clocks


Similar Part No. - S6J32BA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J3200 CYPRESS-S6J3200 Datasheet
2Mb / 179P
32-bit Microcontroller Traveo苑?Family
S6J324C CYPRESS-S6J324C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
More results

Similar Description - S6J32BA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1A1 CYPRESS-S6E1A1 Datasheet
410Kb / 3P
32-bit Microcontroller FM0 Family
MB9D560 CYPRESS-MB9D560 Datasheet
2Mb / 91P
32-bit Microcontroller TraveoTM Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
32-Bit Traveo??Family Microcontroller Datasheet
S6J324C CYPRESS-S6J324C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J3200 CYPRESS-S6J3200 Datasheet
2Mb / 179P
32-bit Microcontroller Traveo苑?Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com