Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SE Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SE
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SE Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP8SE Datasheet HTML 13Page - National Semiconductor (TI) COP8SE Datasheet HTML 14Page - National Semiconductor (TI) COP8SE Datasheet HTML 15Page - National Semiconductor (TI) COP8SE Datasheet HTML 16Page - National Semiconductor (TI) COP8SE Datasheet HTML 17Page - National Semiconductor (TI) COP8SE Datasheet HTML 18Page - National Semiconductor (TI) COP8SE Datasheet HTML 19Page - National Semiconductor (TI) COP8SE Datasheet HTML 20Page - National Semiconductor (TI) COP8SE Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
6.0 Timers (Continued)
6.2.2 Mode 2. External Event Counter Mode
This mode is quite similar to the processor independent
PWM mode previously described. The main difference is that
the timer, T1, is clocked by the input signal from the T1A pin.
The T1 timer control bits, T1C3, T1C2 and T1C1 allow the
timer to be clocked either on a positive or negative edge from
the T1A pin. Underflows from the timer are latched into the
T1PNDA pending flag. Setting the T1ENA control flag will
cause an interrupt when the timer underflows.
In this mode the input pin T1B can be used as an indepen-
dent positive edge sensitive interrupt input if the T1ENB con-
trol flag is set. The occurrence of a positive edge on the T1B
input pin is latched into the T1PNDB flag.
Figure 13 shows a block diagram of the timer in External
Event Counter mode.
Note: The PWM output is not available in this mode since the T1A pin is be-
ing used as the counter input clock.
6.2.3 Mode 3. Input Capture Mode
The device can precisely measure external frequencies or
time external events by placing the timer block, T1, in the in-
put capture mode.
In this mode, the timer T1 is constantly running at the fixed t
C
rate. The two registers, R1A and R1B, act as capture regis-
ters. Each register acts in conjunction with a pin. The register
R1A acts in conjunction with the T1A pin and the register
R1B acts in conjunction with the T1B pin.
The timer value gets copied over into the register when a
trigger event occurs on its corresponding pin. Control bits,
T1C3, T1C2 and T1C1, allow the trigger events to be speci-
fied either as a positive or a negative edge. The trigger con-
dition for each input pin can be specified independently.
The trigger conditions can also be programmed to generate
interrupts. The occurrence of the specified trigger condition
on the T1A and T1B pins will be respectively latched into the
pending flags, T1PNDA and T1PNDB. The control flag
T1ENA allows the interrupt on T1A to be either enabled or
disabled. Setting the T1ENA flag enables interrupts to be
generated when the selected trigger condition occurs on the
T1A pin. Similarly, the flag T1ENB controls the interrupts
from the T1B pin.
Underflows from the timer can also be programmed to gen-
erate interrupts. Underflows are latched into the timer T1C0
pending flag (the T1C0 control bit serves as the timer under-
flow interrupt pending flag in the Input Capture mode). Con-
sequently, the T1C0 control bit should be reset when enter-
ing the Input Capture mode. The timer underflow interrupt is
enabled with the T1ENA control flag. When a T1A interrupt
occurs in the Input Capture mode, the user must check both
the T1PNDA and T1C0 pending flags in order to determine
whether a T1A input capture or a timer underflow (or both)
caused the interrupt.
Figure 14 shows a block diagram of the timer in Input Cap-
ture Mode.
DS100973-46
FIGURE 12. Timer in PWM Mode
DS100973-47
FIGURE 13. Timer in External Event Counter Mode
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com