Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OPA657
10
SBOS197B
www.ti.com
FIGURE 1. Noninverting G = +10 Specifications and Test
Circuit.
FIGURE 2. Inverting G = –20 Specifications and Test Circuit.
APPLICATIONS INFORMATION
WIDEBAND, NON-INVERTING OPERATION
The OPA657 provides a unique combination of low input
voltage noise, very high gain bandwidth, and the DC precision
of a trimmed JFET-input stage to give an exceptional high input
impedance, high gain stage amplifier. Its very high Gain Band-
width Product (GBP) can be used to either deliver high signal
bandwidths at high gains, or to extend the achievable bandwidth
or gain in photodiode-transimpedance applications. To achieve
the full performance of the OPA657, careful attention to PC
board layout and component selection is required as discussed
in the following sections of this data sheet.
Figure 1 shows the noninverting gain of +10 circuit used as
the basis for most of the Typical Characteristics. Most of the
curves were characterized using signal sources with 50
Ω
driving impedance, and with measurement equipment pre-
senting a 50
Ω load impedance. In Figure 1, the 50Ω shunt
resistor at the VI terminal matches the source impedance of
the test generator, while the 50
Ω series resistor at the V
O
terminal provides a matching resistor for the measurement
equipment load. Generally, data sheet voltage swing speci-
fications are at the output pin (VO in Figure 1) while output
power specifications are at the matched 50
Ω load. The total
100
Ω load at the output combined with the 500Ω total
feedback network load, presents the OPA657 with an effec-
tive output load of 83
Ω for the circuit of Figure 1.
bandwidth for the OPA657. For lower non-inverting gains than
the minimum recommended gain of +7 for the OPA657,
consider the unity gain stable JFET input OPA656.
WIDEBAND, INVERTING GAIN OPERATION
There can be significant benefits to operating the OPA657 as
an inverting amplifier. This is particularly true when a matched
input impedance is required. Figure 2 shows the inverting
gain circuit used as a starting point for the typical character-
istics showing inverting-mode performance.
Voltage-feedback op amps, unlike current-feedback amplifi-
ers, can use a wide range of resistor values to set their gain.
To retain a controlled frequency response for the noninverting
voltage amplifier of Figure 1, the parallel combination of
RF || RG should always < 150Ω. In the noninverting configura-
tion, the parallel combination of RF || RG will form a pole with
the parasitic input capacitance at the inverting node of the
OPA657 (including layout parasitics). For best performance,
this pole should be at a frequency greater than the closed-loop
OPA657
+5V
–5V
–V
S
+V
S
50
Ω
V
O
V
I
50
Ω
+
0.1
µF
+
6.8
µF
6.8
µF
R
G
50
Ω
R
F
453
Ω
50
Ω Source
50
Ω Load
0.1
µF
Driving this circuit from a 50
Ω source, and constraining the
gain resistor (RG) to equal 50Ω will give both a signal
bandwidth and noise advantage. RG in this case is acting as
both the input termination resistor and the gain setting
resistor for the circuit. Although the signal gain for the circuit
of Figure 2 is double that for Figure 1, their noise gains are
equal when the 50
Ω source resistor is included. This has the
interesting effect of doubling the equivalent GBP for the
amplifier. This can be seen in comparing the G = +10 and
G = –20 small signal frequency response curves. Both show
about 250MHz bandwidth, but the inverting configuration of
Figure 2 is giving 6dB higher signal gain. If the signal source
is actually the low impedance output of another amplifier, RG
should be increased to the minimum value allowed at the
output of that amplifier and RF adjusted to get the desired
gain. It is critical for stable operation of the OPA657 that this
driving amplifier show a very low output impedance through
frequencies exceeding the expected closed-loop bandwidth
for the OPA657.
Figure 2 also shows the noninverting input tied directly to
ground. Often, a bias current canceling resistor to ground is
included here to null out the DC errors caused by the input
bias currents. This is only useful when the input bias currents
are matched. For a JFET part like the OPA657, the input bias
currents do not match but are so low to begin with (< 5pA)
that DC errors due to input bias currents are negligible.
Hence, no resistor is recommended at the noninverting input
for the inverting signal gain condition.
OPA657
+5V
–5V
+V
S
–V
S
50
Ω
V
O
V
I
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
R
F
1k
Ω
R
G
50
Ω
50
Ω Source
50
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com