Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87417 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 64Page - National Semiconductor (TI) PC87417 Datasheet HTML 65Page - National Semiconductor (TI) PC87417 Datasheet HTML 66Page - National Semiconductor (TI) PC87417 Datasheet HTML 67Page - National Semiconductor (TI) PC87417 Datasheet HTML 68Page - National Semiconductor (TI) PC87417 Datasheet HTML 69Page - National Semiconductor (TI) PC87417 Datasheet HTML 70Page - National Semiconductor (TI) PC87417 Datasheet HTML 71Page - National Semiconductor (TI) PC87417 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
68
Revision1.2
3.13 KEYBOARD AND MOUSE CONTROLLER (KBC) CONFIGURATION
3.13.1
General Description
The KBC is implemented physically as a single hardware module and houses two separate logical devices: a Mouse con-
troller (Logical Device 5) and a Keyboard controller (Logical Device 6). The KBC is functionally equivalent to the industry
standard 8042A Keyboard controller. Technical references for the standard 8042A Keyboard Controller may serve as de-
tailed technical references for the KBC.
The Keyboard and Mouse Controller runtime registers are described in Section 10.4 on page 229. All the registers are VDD
powered.
3.13.2
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration
Tables 22 and 23 list the configuration registers that affect the Mouse and the Keyboard logical devices, respectively. Only
the last register (F0h) is described here. See Section 3.2.3 on page 40 for descriptions of the other configuration registers.
All these registers are VDD powered.
Table 22. Mouse Configuration Registers
Table 23. Keyboard Configuration Registers
Index
Mouse Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.2.3 on page 40). When the Mouse of the KBC is
inactive, the IRQ selected by the Mouse Interrupt Number and Wake-Up on IRQ
Enable register (index 70h) are not asserted. This register has no effect on host
KBC commands handling the PS/2 Mouse.
R/W
VDD
00h
70h
Mouse Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
0Ch
71h
Mouse Interrupt Type. Bits 1,0 are read/write; other bits are read only.
R/W
VDD
02h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h
Index
Keyboard Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.2.3 on page 40). When the Keyboard of the KBC is
inactive, the IRQ selected by the Keyboard Interrupt Number and Wake-Up on
IRQ Enable register (index 70h) are not asserted.
R/W
VDD
00h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
VDD
00h
61h
Base Address LSB register. Bits 2-0 (for A2-0) are read-only 000b.
R/W
VDD
60h
62h
Command Base Address MSB register. Bits 7-3 (for A15-11) are read only,
00000b.
R/W
VDD
00h
63h
Command Base Address LSB. Bits 2-0 (for A2-0) are read-only 100b.
R/W
VDD
64h
70h
KBD Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
01h
71h
KBD Interrupt Type. Bits 1,0 are read/write; others are read only.
R/W
VDD
02h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h
F0h
KBC Configuration register.
R/W
VDD
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com