Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF50603 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF50603
Description  Controller for power supply and battery management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50603 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF50603 Datasheet HTML 18Page - NXP Semiconductors PCF50603 Datasheet HTML 19Page - NXP Semiconductors PCF50603 Datasheet HTML 20Page - NXP Semiconductors PCF50603 Datasheet HTML 21Page - NXP Semiconductors PCF50603 Datasheet HTML 22Page - NXP Semiconductors PCF50603 Datasheet HTML 23Page - NXP Semiconductors PCF50603 Datasheet HTML 24Page - NXP Semiconductors PCF50603 Datasheet HTML 25Page - NXP Semiconductors PCF50603 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
2003 Oct 31
22
Philips Semiconductors
Preliminary specification
Controller for power supply
and battery management
PCF50603
11 APPLICATION INFORMATION
handbook, full pagewidth
MDB691
RAM 1.8 V
VSAVE
battery
backup
VINT
470 nF
REFC
100 nF
D1VDD
REC1_N
REC2_N
470 nF
IOVDD
470 nF
D2VDD
470 nF
D3VDD
PWREN1
ONKEY
RSTON
RFSIGx
GPON0
LOWVOLT_N
VDDE2
VDDE1
VDDC
VDDA
VDDE3
SIMERRN
CLK32I
SDA
SCL
SIMIO
SIMCLK
GPOx
revmod
AUXON_N
PWREN2
RSTHC_N
IRQ_N
CLK32K
SDA
SCL
SIMIOHC
REFGND/VSS
SIMCKHC
SIMRSHC_N
470 nF
1 k
Ω
1 k
Ω
MICBIAS
4700
nF
HCVDD
MICP
AUXADCx
MICN
VDDA
VDDD
4700
nF
LPVDD
470
nF
4700 nF
4700 nF
220 nF
4700 nF
or
headset
from bottom
connector
18
HCVBAT
36
CPVBAT
40
SIMD3VBAT
15
IOD2VBAT
20
LPD1VBAT
23
RF12VBAT
31
34
30
29
28
12
17
19
13
1
21
14
16
39
6
5
11
10
4
3
2
9
8
7
33
32
27
22
24
37
38
35
46
47
48
26
25
45
44
42
43
41
VBAT
FLASH 1.8 V
PCF5213
MAIN
BATTERY
BATTERY
CHARGER
CONSTANT
CURRENT
RF
UNIT
SIM
CARD
READER
card present
2.2
µF
RSENSE
2.2
µF
SIMVCC
SIMCKCD
SIMIOCD
SIMRSCD_N
SIMEN
OSCO
OSCI
GPO1
GPO2
GPO3
CPVDD
SCN
SCP
RF2VDD
RF1VDD
ONKEY_N
VCHG
CHGDRV
CHGCUR
on key
IOVDD
10 pF
10 M
Ω
10 k
Ω
1000 nF
32.768 kHz
10 pF
DC
EL lamp
back light
back light
DC
(1)
(2)
(3)
PCF50603
+
−
Fig.14 Application diagram.
(1) HCVDD is reserved for hands free audio supply.
(2) LPVDD not used in the system.
(3) Connect VCHG to ground if charger is used in BATMAX configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com