| Electronic Components Datasheet Search |
|
PCI9080 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9080 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 192 page ![]() SECTION 3 PCI 9080 FUNCTIONAL DESCRIPTION ©PLX Technology, Inc., 1997 Page 12 Version 1.02 3. FUNCTIONAL DESCRIPTION Functional operation described can be changed or modified, depending on the register configuration. 3.1 RESET 3.1.1 PCI Bus Input RST# PCI bus RST# input pin is a PCI host reset. It causes all PCI bus outputs to float, resets the entire PCI 9080 and causes the local reset output, LRESETo#, to be asserted. If you have a PCI host, Table 4-11[2:0] (Master Enable, Memory Space, I/O Space) is programmed by the host after initialization is complete (Table 4- 59[31]=1). (Refer to Figure 3-1.) !"#$ % & ' Figure 3-1. Reset and Initialization Process 3.1.2 Software Reset LRESETo# When asserted, the LRESETo# Software Reset bit (Table 4-59[30]) resets PCI 9080 Local Configuration and Local DMA Registers. However, it does not reset the PCI Configuration and Shared Runtime Registers. When the bit is set, PCI 9080 responds to PCI accesses, but not to local accesses. PCI 9080 remains in this condition until PCI host clears the bit. The serial EEPROM is reloaded if Table 4-59[29] is set. 3.1.3 Local Bus Input LRESETi# When asserted, the LRESETi# input resets the local bus portion of PCI 9080, clears all local configuration and DMA registers and causes LRESETo# output to be asserted. 3.1.4 Local Bus Output LRESETo# LRESETo# is asserted when PCI bus RST# input is asserted, the LRESETi# input is asserted, or the software reset bit in the Init Control Register is set to 1. 3.1.5 Software Reset A host on the PCI bus can set the software reset bit in the Init Control Register to reset PCI 9080 and assert the LRESETo# output. All local configuration and DMA registers reset. PCI configuration registers do not reset. When the software reset bit is set, PCI 9080 responds to PCI accesses, but not to local bus accesses. PCI 9080 remains in this reset condition until the PCI host clears the bit. Note: The local side cannot clear this reset bit because the local bus is in a reset state. 3.2 PCI 9080 INITIALIZATION PCI 9080 configuration registers can be programmed by an optional serial EEPROM and/or by a local processor, as listed in Table 3-1. The serial EEPROM can be reloaded by setting bit 29 of (LOC:ECh), Serial EEPROM Control Register (refer to Table 4-59[29]). In general, PCI 9080 retries all PCI cycles until the “Local Init Done bit” is set or NB# is low. Note: Internal configuration register can also be accessed by the PCI host processor after power-on. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |