Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9535 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 9535
Description  16-bit I2C and SMBus, low power I/O port with interrupt
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9535 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 9535 Datasheet HTML 8Page - NXP Semiconductors 9535 Datasheet HTML 9Page - NXP Semiconductors 9535 Datasheet HTML 10Page - NXP Semiconductors 9535 Datasheet HTML 11Page - NXP Semiconductors 9535 Datasheet HTML 12Page - NXP Semiconductors 9535 Datasheet HTML 13Page - NXP Semiconductors 9535 Datasheet HTML 14Page - NXP Semiconductors 9535 Datasheet HTML 15Page - NXP Semiconductors 9535 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Philips Semiconductors
Product data
PCA9535
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
12
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ”Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 to 5.5 V; VSS = 0 V; Tamb = -40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
fSCL = 100 kHz; I/O = inputs
135
200
µA
Istbl
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VSS; fSCL = 0 kHz; I/O = inputs
0.25
1
µA
Istbh
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD; fSCL = 0 kHz; I/O = inputs
0.25
1
µA
VPOR
Power-on reset voltage
No load; VI = VDD or VSS
1.5
1.65
V
input SCL; input/output SDA
VIL
LOW-level input voltage
-0.5
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
5.5
V
IOL
LOW-level output current
VOL = 0.4V
3
mA
IL
Leakage current
VI = VDD = VSS
-1
+1
µA
CI
Input capacitance
VI = VSS
6
10
pF
I/Os
VIL
LOW-level input voltage
-0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
VOL = 0.5 V; VDD = 2.3-5.5 V; Note 1
8
8-20
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 2.3-5.5 V; Note 1
10
10-24
mA
IOH = -8 mA; VDD = 2.3 V; Note 2
1.8
V
IOH = -10 mA; VDD = 2.3 V; Note 2
1.7
V
IOH = -8 mA; VDD = 3.0 V; Note 2
2.6
V
VOH
HIGH-level output voltage
IOH = -10 mA; VDD = 3.0 V; Note 2
2.5
V
IOH = -8 mA; VDD = 4.75 V; Note 2
4.1
V
IOH = -10 mA; VDD = 4.75 V; Note 2
4.0
V
IIH
Input leakage current
VDD = 5.5 V; VI = VDD
1
µA
IIL
Input leakage current
VDD = 5.5 V; VI = VSS
-1
µA
CI
Input capacitance
3.7
5
pF
CO
Output capacitance
3.7
5
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
3
mA
Select Inputs A0, A1, A2
VIL
LOW-level input voltage
-0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
ILI
Input leakage current
-1
1
µA
NOTES:
1. The total current sunk by all I/Os must be limited to 200 mA.
2. The total current sourced by all I/Os must be limited to 160 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com