Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08T2001KF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 08T2001KF
Description  NTC Thermistors, Radial Leaded and Coated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

08T2001KF Datasheet(HTML) 2 Page - Vishay Siliconix

  08T2001KF Datasheet HTML 1Page - Vishay Siliconix 08T2001KF Datasheet HTML 2Page - Vishay Siliconix 08T2001KF Datasheet HTML 3Page - Vishay Siliconix 08T2001KF Datasheet HTML 4Page - Vishay Siliconix 08T2001KF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T, M, C
www.vishay.com
Vishay Dale
Revision: 24-Sep-15
2
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) See following pages for tolerance explanations and details.
DIMENSIONS in inches (millimeters)
Note
(1) Additional wire gauges (non-insulated) available as AWG24 (type E), AWG26 (type B) and AWG32 (type F). Please contact vishay
(thermistor1@vishay.com) for further details.
Note
• Maximum body diameter is dependent on selected curve number and value, the lower resistance values have the largest diameter. For a
specific part number within the given resistance ranges, please contact thermistor1@vishay.com for maximum diameter information.
GLOBAL PART NUMBER AND ORDERING INFORMATION
Global Part Numbering: 01C2001FP for POINT MATCHED THERMISTORS
CURVE NR
GLOBAL MODEL
RESISTANCE VAL
POINT MATCH
TOLERANCE
PACKAGING
01
02
04
07
08
09
12
T
M
C
2001 = 2K
1503 = 150K
F = ± 1 %
J = ± 5 %
K = ± 10 %
F = lead (Pb)-free, bulk
P = tin / lead, bulk
Global Part Numbering: 01C2001SPC3 for CURVE TRACKING THERMISTORS
CURVE
GLOBAL MODEL
RESISTANCE VAL
CHARACTERISTICS
PACKAGING
CURVE TRACK
TOLERANCE (1)
01
04
08
09
T
M
C
2001 = 2K
SF = lead (Pb)-free,
bulk
P = tin / lead, bulk
A2 A3 A4 A5 A8
B2 B3 B4 B5 B8
C2 C3
C5 C8
PRODUCT TYPE
WIRE GAUGE/DIAMETER (1)
Type M
AWG 30: 0.0100 (0.254)
Type C
AWG 28: 0.0126 (0.320)
Type T
Insulated AWG 30: 0.0100 (0.254)
CURVE NUMBER
R25 MIN.
(
Ω)
MAX. DIAMETER
(INCH (mm))
STANDARD
R25 RANGE
(
Ω)
MAX. DIAMETER
(INCH (mm))
2
30
0.342 (8.69)
330 to 3K
0.095 (2.41) to 0.136 (3.45)
9
10K
0.150 (3.81)
10K to 56K
0.095 (2.41) to 0.150 (3.81)
8
20K
0.131 (3.33)
27K to 220K
0.095 (2.41) to 0.125 (3.18)
1
200
0.315 (8.00)
1.8K to 18K
0.095 (2.41) to 0.136 (3.45)
4
10K
0.136 (3.45)
10K to 100K
0.095 (2.41) to 0.136 (3.45)
7
10K
0.177 (4.50)
27K to 270K
0.095 (2.41) to 0.136 (3.45)
12
47K
0.252 (6.40)
330K to 1M
0.095 (2.41) to 0.136 (3.45)
TINNED COPPER WIRE
TEFLON INSULATED NICKEL WIRE
D
0.25 (6.35) NOM.
1.5 (36.1) MIN.
CLEAN LEAD LENGTH
3 ± 0.25 (76.2 ± 6.4)
D
TYPE M, C
TYPE T
20
01
P
F
1C
0
20
01
P
C
S
1C
0
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com