Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM803JS Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM803JS
Description  3-Pin Microprocessor Reset Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM803JS Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM803JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 9Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 10Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
8/11
UM803
Package Information
UM803 SOT323
Outline Drawing
b
D
PIN 1
e
e
Q1
c
Top View
End View
Side View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
D
1.80
2.20
0.072
0.088
E
1.15
1.35
0.006
0.054
HE
1.80
2.40
0.072
0.050
b
0.25
0.40
0.010
0.016
e
0.65BSC
0.026BSC
Q1
0.10
0.40
0.004
0.016
A
0.80
1.10
0.032
0.044
A1
0.00
0.10
0.00
0.004
A2
0.80
1.00
0.032
0.040
c
0.10
0.18
0.004
0.007
L
0.10
0.30
0.004
0.012
L1
0.425TYP
0.017TYP
Land Pattern
0.65
0.65
0.5
NOTES:
1. Compound dimension: 2.00×1.25;
2. Unit: mm;
3.General tolerance
±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com