Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3020 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3020
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3020 Datasheet(HTML) 1 Page - Texas Instruments

  REF3020 Datasheet HTML 1Page - Texas Instruments REF3020 Datasheet HTML 2Page - Texas Instruments REF3020 Datasheet HTML 3Page - Texas Instruments REF3020 Datasheet HTML 4Page - Texas Instruments REF3020 Datasheet HTML 5Page - Texas Instruments REF3020 Datasheet HTML 6Page - Texas Instruments REF3020 Datasheet HTML 7Page - Texas Instruments REF3020 Datasheet HTML 8Page - Texas Instruments REF3020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REF3012
REF3020
REF3025
REF3030
REF3033
REF3040
SBVS032E – MARCH 2002 – REVISED MARCH 2004
www.ti.com
DESCRIPTION
The REF30xx is a precision, low power, low voltage dropout
voltage reference family available in a tiny SOT23-3.
The REF30xx small size and low power consumption (50
µA
max) make it ideal for portable and battery-powered applica-
tions. The REF30xx does not require a load capacitor, but is
stable with any capacitive load.
Unloaded, the REF30xx can be operated with supplies within
1mV of output voltage. All models are specified for the wide
temperature range, –40
°C to +125°C.
FEATURES
q MicroSIZE PACKAGE: SOT23-3
q LOW DROPOUT: 1mV
q HIGH OUTPUT CURRENT: 25mA
q HIGH ACCURACY: 0.2%
q LOW I
Q: 50µA max
q EXCELLENT SPECIFIED DRIFT PERFORMANCE:
50ppm/
°C (max) from 0°C to +70°C
75ppm/
°C (max) from –40°C to +125°C
Copyright © 2002-2004, Texas Instruments Incorporated
50ppm/
°C Max, 50µA in SOT23-3
CMOS VOLTAGE REFERENCE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q PORTABLE, BATTERY-POWERED EQUIPMENT
q DATA ACQUISITION SYSTEMS
q MEDICAL EQUIPMENT
q HAND-HELD TEST EQUIPMENT
PRODUCT
VOLTAGE (V)
REF3012
1.25
REF3020
2.048
REF3025
2.5
REF3030
3.0
REF3033
3.3
REF3040
4.096
1
IN
2
OUT
3
GND
REF3012
REF3020
REF3025
REF3030
REF3033
REF3040
SOT23-3
DROPOUT VOLTAGE vs LOAD CURRENT
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
Load Current (mA)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - REF3020

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3020 BURR-BROWN-REF3020 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3020 TI2-REF3020 Datasheet
1Mb / 32P
REF30E and REF30, Low Current Voltage Reference in SOT-23-3
REVISED JULY 2025
logo
Burr-Brown (TI)
REF3020AIDBZR BURR-BROWN-REF3020AIDBZR Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3020AIDBZR TI1-REF3020AIDBZR Datasheet
1Mb / 26P
CMOS Voltage Reference
REF3020AIDBZR TI2-REF3020AIDBZR Datasheet
1Mb / 32P
REF30E and REF30, Low Current Voltage Reference in SOT-23-3
REVISED JULY 2025
More results

Similar Description - REF3020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com