Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3025 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3025
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3025 Datasheet(HTML) 2 Page - Texas Instruments

  REF3025 Datasheet HTML 1Page - Texas Instruments REF3025 Datasheet HTML 2Page - Texas Instruments REF3025 Datasheet HTML 3Page - Texas Instruments REF3025 Datasheet HTML 4Page - Texas Instruments REF3025 Datasheet HTML 5Page - Texas Instruments REF3025 Datasheet HTML 6Page - Texas Instruments REF3025 Datasheet HTML 7Page - Texas Instruments REF3025 Datasheet HTML 8Page - Texas Instruments REF3025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
REF3012, 3020, 3025, 3030, 3033, 3040
2
SBVS032E
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– ................................................................... 7.0V
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these, or any other conditions beyond those specified, is not implied.
(2) Short circuit to ground.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF3012
SO T23-3
DBZ
–40
°C to +125°C
R30A
REF3012AIDBZT
Tape and Reel, 250
"
"""
"
REF3012AIDBZR
Tape and Reel, 3000
REF3020
SOT23-3
DBZ
–40
°C to +125°C
R30B
REF3020AIDBZT
Tape and Reel, 250
"
"""
"
REF3020AIDBZR
Tape and Reel, 3000
REF3025
SOT23-3
DBZ
–40
°C to +125°C
R30C
REF3025AIDBZT
Tape and Reel, 250
"
"""
"
REF3025AIDBZR
Tape and Reel, 3000
REF3030
SOT23-3
DBZ
–40
°C to +125°C
R30F
REF3030AIDBZRT
Tape and Reel, 250
"
"""
"
REF3030AIDBZR
Tape and Reel, 3000
REF3033
SOT23-3
DBZ
–40
°C to +125°C
R30D
REF3033AIDBZT
Tape and Reel, 250
"
"""
"
REF3033AIDBZR
Tape and Reel, 3000
REF3040
SOT23-3
DBZ
–40
°C to +125°C
R30E
REF3040AIDBZT
Tape and Reel, 250
"
"""
"
REF3040AIDBZR
Tape and Reel, 3000
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0mA, VIN = 5V, unless otherwise noted.
REF30xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF3012(1) - 1.25V
OUTPUT VOLTAGE
V
OUT
1.2475
1.25
1.2525
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
14
µVp-p
Voltage Noise
f = 10Hz to 10kHz
42
µVrms
LINE REGULATION
1.8V
≤ V
IN ≤ 5.5V
60
190
µV/V
REF3020 – 2.048
OUTPUT VOLTAGE
V
OUT
2.044
2.048
2.052
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
23
µVp-p
Voltage Noise
f = 10Hz to 10kHz
65
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
110
290
µV/V
REF3025 – 2.5V
OUTPUT VOLTAGE
V
OUT
2.495
2.50
2.505
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
28
µVp-p
Voltage Noise
f = 10Hz to 10kHz
80
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
120
325
µV/V
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com